Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG540AP/883 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # DG540AP/883
Description  Wideband/Video T Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG540AP/883 Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button DG540AP/883 Datasheet HTML 2Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 3Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 4Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 5Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 6Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 7Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 8Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 9Page - TEMIC Semiconductors DG540AP/883 Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DG540/541/542
Siliconix
S-53694—Rev. E, 28-May-97
7
Test Circuits
Figure 2.
Switching Time
RL
RL + rDS(on)
VO = VS
CL (includes fixture and stray capacitance)
V–
V+
IN
S
CL
35 pF
D
3 V
RL
1 k
W
VO
–3 V
GND
+15 V
3 V
0
90%
50%
tOFF
tON
VS
tr <20 ns
tf <20 ns
Logic
Input
Switch
Input
Switch
Output
C
+15 V
Figure 3.
Charge Injection
ON
ON
OFF
VO
DVO
INX
DVO = measured voltage error due to charge injection
The charge injection in coulombs is
DQ = CL x DVO
CL
1000 pF
3 V
Vg
VO
–3 V
D
GND
V+
Rg
S
IN
V–
+15 V
Figure 4.
Off Isolation
S
IN
RL
75
W
D
Rg = 75 W
VS
VO
0 V, 2.4 V
Off Isolation = 20 log
VS
VO
V+
–3 V
GND
V–
C
C
+15 V
C = RF Bypass
S
RL
50
W
D
Rg = 50 W
VS
VO
–3 V
GND
V+
V–
C
Figure 5.
Bandwidth
IN
0 V, 2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com