Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA17 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA17
Description  TRANSIL??ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA17 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA17 Datasheet HTML 1Page - STMicroelectronics ESDA17 Datasheet HTML 2Page - STMicroelectronics ESDA17 Datasheet HTML 3Page - STMicroelectronics ESDA17 Datasheet HTML 4Page - STMicroelectronics ESDA17 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ESDA17/19-5SC6
TRANSIL™ ARRAY
FOR ESD PROTECTION
®
The ESDA17/19-5SC6 is a monolithic array
designed to protect up to 5 lines against ESD
transients.
The device is ideal for applications where board
space savind is required.
DESCRIPTION
November 2002 - Ed: 1A
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
s
Computers
s
Printers and other peripherals
s
Communications systems
s
Cellular phone handsets and accessories
s
Other telephone sets
s
Consumer Electronics (Set top boxes, DVD
players, TV sets)
APPLICATIONS
SOT23-6L
ESDAxx-5SC6
I/O1
I/O2
I/O5
I/O3
I/O4
Gnd
FUNCTIONAL DIAGRAM
SOT23-6L
Application Specific Discretes
A.S.D.™
s
High ESD protection level
s
High integration
s
Suitable for high density boards
BENEFITS
- IEC61000-4-2: 15 kV (air discharge)
8 kV
(contact discharge)
- MIL STD 883E-Method 3015-7: class3
25kV (human body model)
COMPLIES WITH THE FOLLOWING STANDARDS:
s
5 Unidirectional transil™ functions
s
Minimum breakdown voltage range vBRmin = 17V
or 19V
s
Peak pulse power (8/20µs); 150W
s
Tiny leakage current at stand-off voltage: <
100nA
FEATURES


Similar Part No. - ESDA17

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA17P100-1U2M STMICROELECTRONICS-ESDA17P100-1U2M Datasheet
605Kb / 10P
High power transient voltage suppressor
14-Mar-2017
ESDA17P20-1F2 STMICROELECTRONICS-ESDA17P20-1F2 Datasheet
531Kb / 11P
15 V, 25 A unidirectional TVS in SOD882T
15-Jun-2020
ESDA17P20-1F2 STMICROELECTRONICS-ESDA17P20-1F2 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
ESDA17P50-1U1M STMICROELECTRONICS-ESDA17P50-1U1M Datasheet
605Kb / 10P
High power transient voltage suppressor
25-Jul-2016
ESDA17SC6 STMICROELECTRONICS-ESDA17SC6 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
More results

Similar Description - ESDA17

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25B1 STMICROELECTRONICS-ESDA25B1 Datasheet
41Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA6V1S3 STMICROELECTRONICS-ESDA6V1S3 Datasheet
65Kb / 7P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
76Kb / 9P
TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
40Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
Feb-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
DSDA6V1-5P6 STMICROELECTRONICS-DSDA6V1-5P6 Datasheet
50Kb / 5P
TRANSIL™ ARRAY FOR ESD PROTECTION
Oct-2002
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6_04 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA25-4BP6 STMICROELECTRONICS-ESDA25-4BP6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com