Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PART Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # PART
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

PART Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button PART Datasheet HTML 9Page - Maxim Integrated Products PART Datasheet HTML 10Page - Maxim Integrated Products PART Datasheet HTML 11Page - Maxim Integrated Products PART Datasheet HTML 12Page - Maxim Integrated Products PART Datasheet HTML 13Page - Maxim Integrated Products PART Datasheet HTML 14Page - Maxim Integrated Products PART Datasheet HTML 15Page - Maxim Integrated Products PART Datasheet HTML 16Page - Maxim Integrated Products PART Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
120
Ω
120
Ω
R
D
RO
RE
DE
DI
A
B
Y
120
Ω
120
Ω
DI
DI
DI
RO
RO
RO
DE
DE
DE
RE
RE
RE
Z
Z
Z
Z
Y
Y
Y
AA
A
BB
B
D
D
D
R
R
R
MAX3488
MAX3490
MAX3491
NOTE: RE AND DE ON MAX3491 ONLY.
120
Ω
120
Ω
DATA IN
DATA OUT
R
D
RO
RE
DE
DI
A
B
Z
Y
MAX3488
MAX3490
MAX3491
NOTE: RE AND DE ON MAX3491 ONLY.
Figure 22. MAX3488/MAX3490/MAX3491 Full-Duplex RS-485 Network
Figure 23. Line Repeater for MAX3488/MAX3490/MAX3491
MAX3483/MAX3485/MAX3486/
MAX3488/MAX3490/MAX3491
14
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com