Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PART Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # PART
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

PART Datasheet(HTML) 3 Page - Maxim Integrated Products

  PART Datasheet HTML 1Page - Maxim Integrated Products PART Datasheet HTML 2Page - Maxim Integrated Products PART Datasheet HTML 3Page - Maxim Integrated Products PART Datasheet HTML 4Page - Maxim Integrated Products PART Datasheet HTML 5Page - Maxim Integrated Products PART Datasheet HTML 6Page - Maxim Integrated Products PART Datasheet HTML 7Page - Maxim Integrated Products PART Datasheet HTML 8Page - Maxim Integrated Products PART Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
No load,
DI = 0V or VCC
µA
0.002
1
ISHDN
Supply Current in Shutdown Mode
0.95
1.9
mA
1.1
2.2
ICC
Supply Current
mA
-250
IOSD
250
Driver Short-Circuit Output
Current
mA
±8
±60
IOSR
Receiver Short-Circuit Output
Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DE = 0V, RE = VCC, DI = VCC or 0V
DE = 0V,
RE = 0V
DE = VCC,
RE = 0V or VCC
VOUT = -7V
VOUT = 12V
0V ≤ VRO ≤ VCC
CONDITIONS
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.3V ±0.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
ns
722
35
tPLH
Driver Propagation Delay, Low-to-High Level
ns
38
25
tTD
ns
122
35
tDD
Driver Differential Output Delay
Driver Differential Output Transition Time
ns
650
900
tPSH
Driver Output Enable Time from Shutdown to High Level
ns
650
900
tPSL
Driver Output Enable Time from Shutdown to Low Level
ns
40
80
tPHZ
Driver Output Disable Time from High Level
ns
722
35
tPHL
Driver Propagation Delay, High-to-Low Level
ns
8
tPDS
|tPLH - tPHL| Driver Propagation Delay Skew (Note 2)
ns
45
90
tPZL
Driver Output Enable Time to Low Level
ns
45
90
tPZH
Driver Output Enable Time to High Level
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 27Ω, Figure 8
RL = 60Ω, Figure 7
RL = 60Ω, Figure 7
RL = 110Ω, Figure 9
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
RL = 27Ω, Figure 8
RL = 27Ω, Figure 8
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
CONDITIONS
DRIVER SWITCHING CHARACTERISTICS—MAX3485, MAX3490, and MAX3491
(VCC = 3.3V, TA = +25°C)
ns
40
80
tPLZ
Driver Output Disable Time from Low Level
RL = 110Ω, Figure 10
DRIVER SWITCHING CHARACTERISTICS—MAX3486
(VCC = 3.3V, TA = +25°C)
ns
45
80
tPLZ
Driver Output Disable Time from Low Level
RL = 110Ω, Figure 10
ns
20
48
70
tPLH
Driver Propagation Delay, Low-to-High Level
ns
15
35
60
tTD
ns
24
48
70
tDD
Driver Differential Output Delay
Driver Differential Output Transition Time
ns
700
1000
tPSH
Driver Output Enable Time from Shutdown to High Level
ns
700
1000
tPSL
Driver Output Enable Time from Shutdown to Low Level
ns
45
80
tPHZ
Driver Output Disable Time from High Level
ns
20
48
70
tPHL
Driver Propagation Delay, High-to-Low Level
ns
11
tPDS
|tPLH - tPHL| Driver Propagation Delay Skew (Note 2)
ns
55
100
tPZL
Driver Output Enable Time to Low Level
ns
55
100
tPZH
Driver Output Enable Time to High Level
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 27Ω, Figure 8
RL = 60Ω, Figure 7
RL = 60Ω, Figure 7
RL = 110Ω, Figure 9
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
RL = 27Ω, Figure 8
RL = 27Ω, Figure 8
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
CONDITIONS
DRIVER OUTPUT ENABLE/DISABLE TIMES (MAX3485/MAX3491 only)
Maxim Integrated
3
MAX3483/MAX3485/MAX3486/
MAX3488/MAX3490/MAX3491



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com