Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8R128K32 Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # UT8R128K32
Description  UT8R128K32 128K x 32 SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8R128K32 Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button UT8R128K32 Datasheet HTML 14Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 15Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 16Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 17Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 18Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 19Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 20Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 21Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 22Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Aeroflex Colorado Springs Application Note
AN-MEM-002
Creation Date: 8/19/11
Page 4 of 5
Modification Date: 4/24/13
3.1 Simultaneous Control and Address Switching
Simultaneous switching of controls and address pins, alone, is not a problem; excessive skew between them is the concern.
Consider the application where several SRAM devices are connected to the same memory bus. The address bus is commonly
connected to all the devices, but the chip enable pin is singularly connected to each individual SRAM. This configuration
results in a loading difference between the address inputs and the chip enable. This lightly loaded chip enable propagates to the
memory more quickly than the heavily loaded address lines. The oscilloscope capture of Figure #1 is the actual timing of an
application which had intermittent data errors due to address transitions lagging chip enable.
Figure #1 SRAM Signal Capture
The signal transitions in the scope plot of Figure #1 appear to be fairly coincidental. A closer look however, reveals the chip
enable signal actually starts and reaches VIL approximately 6ns before the address signal reaches VIH. Even at one half VDD
(closer to actual logical gate switching of the inputs), the delta in signal times is still approximately 6ns.
Simultaneous switching of controls and address inputs is not recommended for a couple of reasons. The first is the previously
described signal skew sensitivity between controls and/or address inputs. The second reason is that activating all the controls
and address inputs simultaneously results in peak instantaneous current consumption. This condition causes maximum strain
to the power decoupling. Chip Enable activates address decoding circuits, address switching introduces input buffer switching
current, and output enable assertion turns on all the device output drivers. Peforming all three simultaneously results in worst
case transient current demand by the memory.
3.1.0 Technical Overview of Skew Sensitivity
Recall from section 2.0 that any activity requesting new data causes a read trigger. The triggers are wire-ORed together. In
order to meet the faster access times demanded by today’s applications, the ORed trigger only exists during the first 4-5ns of
the read cycle. Since the slowest of the address transitions occurs more than 5ns after the initiation of the read activity, a sec-
ond read activity is initiated. The sensing circuit does not have time to normalize before the second read activity has started.
For this reason a Chip Enable-Controlled read cycle requires that address inputs remain stable for the entire cycle. Infrequent
and random sensing errors can result if the bit columns are continually pulled to one state then quickly requested to sense the
opposite state. Another effect of the low power read architecture that differs from previous generation designs (those that con-
tinually sense for data) is that the bit line will not be sensed again until another read triggering event occurs. If another read
trigger event (chip enable assertion and/or address change) does no occur for a particular address, the incorrect data remains at
the outputs.
Timing shown from VIL (yellow trace /CS) and VIH (pink for address signal) as delta X =
6ns. Even at actual internal gate switching point (~ VDD/2), the skew is still around 6ns.
Chip Enable (/E)
Address Signal (Ax)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com