Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SP2M48MZFC Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT8SP2M48MZFC
Description  UT8SP2M48 96Megabit Pipelined SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SP2M48MZFC Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT8SP2M48MZFC Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 10Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
36-00-01-001
Ver. 1.1.0
Aeroflex Microelectronics Solutions - HiRel
Changing Clock Frequencies
In order to optimize the UT8SP2M48 device operation, users
are required to establish the FREQSEL pin state to a logic
HIGH for CLK input frequencies > 80MHz and a logic LOW
for CLK input frequencies of
≤ 80MHz. The CLK input
frequency and FREQSEL pin state are established at power on.
Both may only be changed while in SLEEP mode (reference
Table 6).
External Connections
A precision 25kohm < +0.2% low TCR < 25ppm/oC resistor is
required to be connected between device pin EXTRES (R15)
and VSS.
In order to ensure proper operation in conjunction with JTAG
boundary scan (reference applications note MEM-AN-005),
Aeroflex requires that specific package pins be biased through
soft connections to either VDD, VDDQ or VSS. Table 5 is a list
of these required external biases.
Notes:
1. NUIL = Not Used Input Low
2. NUIH = Not Used Input High
3. Aeroflex recommends connecting all DQ[47:0] to either VDDQ or VSSQ
through >10kΩ resistors.
Notes:
* All chip selects active when L, at least one chip select inactive when H
1. X = “Don't Care”, H = Logic HIGH, L = Logic LOW.
2. Write is defined by WE and BWEx
3. When a Write cycle is detected, all I/Os are tri-stated.
4. The DQ pins are controlled by the current cycle and the OE signal.
5. CEN = H inserts wait states.
6. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally
during Write cycles. During a Read cycle DQs = tri-state when OEis inactive or when
the device is deselected and DQs= data when OE is active.
Table 5. External Bias Conditions
Signal Name
Package Pin
Bias Condition
NUIL1
H1, H20, N1, N2,
N19, N20, P13,
R8, R10, R12,
R16
>10kΩ to VSSQ
NUIH2
P16, R7, R13
>10kΩ to VDDQ
TDO
R5
>10kΩ to VDDQ
TCK
R9
>10kΩ to VSSQ
DQ[47:0]3
ref Table 7
>10kΩ to VDDQ or
VSSQ
Table 6: Truth Table for UT8SP2M48 [1,2,3,4,5,6,7]
Operation
Address
Used
CSx*
ZZ
SHUT
DOWN
ADV_LD
WE
BWEx
OE
CEN
CLK
DQs
Standby Mode
None
H
L
L
L
X
X
X
L
L-H
3-State
Continue Deselect
None
X
L
L
H
X
X
X
L
L-H
3-State
Read Cycle (Start Burst)
External
L
L
L
L
H
X
L
L
L-H
Data Out
Read Cycle (Cont. Burst)
Next
X
L
L
H
X
X
L
L
L-H
Data Out
NOP/Dummy Read
(Start)
External
L
L
L
L
H
X
H
L
L-H
3-State
NOP/Dummy Read
(Cont.)
Next
X
L
L
H
X
X
H
L
L-H
3-State
Write Cycle (Start Burst)
External
L
L
L
L
L
L
X
L
L-H
Data In
Write Cycle (Cont. Burst)
Next
X
L
L
H
X
L
X
L
L-H
Data In
Dummy Write (Start)
None
L
L
L
L
L
H
X
L
L-H
3-State
Dummy Write (Cont.
Burst)
Next
X
L
L
H
X
H
X
L
L-H
3-State
Clock Inhibit (Stall)
N/A
X
L
L
X
X
X
X
H
L-H
N/A
Sleep Mode
N/A
H
H
L
X
X
X
X
X
X
3-State
Shutdown Mode
None
X
X
H
X
X
X
X
X
X
3-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com