Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SP2M48MZFC Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # UT8SP2M48MZFC
Description  UT8SP2M48 96Megabit Pipelined SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SP2M48MZFC Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button UT8SP2M48MZFC Datasheet HTML 12Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 13Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 14Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 15Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 16Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 17Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 18Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 19Page - Aeroflex Circuit Technology UT8SP2M48MZFC Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
36-00-01-001
Ver. 1.1.0
Aeroflex Microelectronics Solutions - HiRel
VDD
DUT
Zo = 50ohm
VDD
CL = 40pF
RTERM
100ohm
Test
Point
RTERM
100ohm
90%
CMOS Input Pulses
10%
> 2.25V/ns
VSS
VDD2
10%
90%
> 2.25V/ns
Figure 8. AC Test Loads and Input Waveforms
Notes:
1. Measurement of data output occurs at the low to high or high to low transition mid-point (i.e., CMOS input = VDD2/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com