Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS273 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS273
Description  Octal D-Flip-Flops with Clear
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS273 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS273 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS273 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS273 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS273 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS273 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS273 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS273 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS273 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS273 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS273/UT54ACTS273
Octal D-Flip-Flops with Clear
Datasheet
December 16, 2011
www.aeroflex.com/logic
FEATURES
 Contains eight flip-flops with single-rail outputs
 Buffered clock and direct clear inputs
 Individual data input to each flip-flop
 Applications include:
- Buffer/storage registers, shift registers, and pattern
generators
 CMOS
- Latchup immune
 High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 20-pin DIP
- 20-lead flatpack
UT54ACS273 - SMD 5962-96578
UT54ACTS273 - SMD 5962-96579
DESCRIPTION
The UT54ACS273 and the UT54ACTS273 are positive-edge-
triggered D-type flip-flops with a direct clear input.
Information at the D inputs meeting the setup time requirements
is transferred to the Q outputs on the positive-going edge of the
clock pulse. When the clock input is at either the high or low
level, the D input signal has no effect at the output.
The devices are characterized over full military temperature
range of -55
C to +125C.
FUNCTION TABLE
PINOUTS
20-Pin DIP
Top View
20-Lead Flatpack
Top View
LOGIC SYMBOL
INPUTS
OUTPUTS
CLR
CLK
Dx
Qx
L
X
X
L
H
H
H
L
H
L
X
H
L
No change
1
2
3
4
5
7
6
20
19
18
17
16
14
15
CLR
1Q
1D
2D
2Q
3Q
3D
VDD
8Q
8D
7D
7Q
6D
8
13
4D
5D
6Q
9
12
4Q
5Q
10
11
VSS
CLK
1
2
3
4
5
7
6
20
19
18
17
16
14
15
CLR
1Q
1D
2D
2Q
3Q
3D
VDD
8Q
8D
7D
7Q
6D
8
13
4D
5D
6Q
9
12
4Q
5Q
10
11
VSS
CLK
(1)
CLR
(11)
CLK
C1
R
(3)
1D
(4)
2D
(2)
1Q
(6)
3Q
(9)
4Q
(12)
5Q
(15)
6Q
(16)
7Q
(19)
8Q
1D
(7)
3D
(8)
4D
(13)
5D
(14)
6D
(17)
7D
(18)
8D
(5)
2Q
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984
and IEC Publication 617-12.


Similar Part No. - UT54ACTS273

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS27 AEROFLEX-UT54ACTS27 Datasheet
229Kb / 9P
Triple 3-Input NOR Gates
UT54ACTS279 AEROFLEX-UT54ACTS279 Datasheet
234Kb / 9P
Quadruple S-R Latches
More results

Similar Description - UT54ACTS273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
Octal D-Type Flip-Flops with Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
1446753 TI-1446753 Datasheet
592Kb / 16P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
Octal D-Type Flip-Flops With Clear
logo
Aeroflex Circuit Techno...
UT54ACS273E AEROFLEX-UT54ACS273E Datasheet
124Kb / 10P
Octal D-Flip-Flops with Clear
logo
Texas Instruments
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
Octal D-Type Flip-Flops With Clear
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com