Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS245E Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT54ACTS245E
Description  Octal Bus Transceiver with Three-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS245E Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  UT54ACTS245E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
AC ELECTRICAL CHARACTERISTICS FOR UT54ACTS2452
(VDD = 3.0V to 5.5V; VSS = 0V
1, -55
C < T
C < +125C)
Notes:
1. Maximum allowable relative shift equals 50mV.
2. All specifications valid for the maximum radiation dose available for the respective device types.
SYMBOL
PARAMETER
CONDITION
VDD
MINIMUM
MAXIMUM
UNIT
tPHL1
Data to bus
CL = 50pF
3.0V to 3.6V
3
23
ns
4.5V to 5.5V
2
13
tPLH2
Data to bus
CL = 50pF
3.0V to 3.6V
2
18
ns
4.5V to 5.5V
1
11
tPZH1
G low to bus active
CL = 50pF
3.0V to 3.6V
2
15
ns
4.5V to 5.5V
2
10
tPZL2
G low to bus active
CL = 50pF
3.0V to 3.6V
2
14
ns
4.5V to 5.5V
2
9
tPHZ3
G high to bus three-state
CL = 50pF
3.0V to 3.6V
3
16
ns
4.5V to 5.5V
3
12
tPLZ3
G high to bus three-state
CL = 50pF
3.0V to 3.6V
2
10
ns
4.5V to 5.5V
2
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com