Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS245E Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS245E
Description  Octal Bus Transceiver with Three-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS245E Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS245E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS245E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
UT54ACTS245E
Octal Bus Transceiver with Three-State Outputs
July 20013
www.aeroflex.com/Logic
Datasheet
FEATURES
 Three-state outputs drive bus line directly
 m CRH CMOS process
- Latchup immune
 High speed
 Low power consumption
 Wide power supply operating range of 3.0V to 5.5V
 Available QML Q or V processes
Flexible package
 - 20-lead flatpack
UT54ACTS245E-SMD-5962-96573
DESCRIPTION
The UT54ACTS245E is a non-inverting octal bus transceiver
designed for asynchronous two-way communication between
data buses. The control function implementation minimizes
external timing requirements.
The device allows data transmission from the A bus to the B
bus or from the B bus to the A bus depending upon the logic
level at the direction control (DIR) input. The enable input (G)
disables the device so that the buses are effectively isolated.
The device is characterized over full HiRel temperature range
of -55
C to +125C.
FUNCTION TABLE
PINOUTS
20-Lead Flatpack
Top View
LOGIC SYMBOL
ENABLE
G
DIRECTION
CONTROL DIR
OPERATION
L
L
B Data To A Bus
L
H
A Data To B Bus
H
X
Isolation
1
2
3
4
5
7
6
20
19
18
17
16
14
15
DIR
A1
A2
A3
A4
A5
A6
VDD
G
B1
B2
B3
B5
8
13
A7
B6
B4
9
12
A8
B7
10
11
VSS
B8
(19)
G
G3
(2)
A1
(3)
A2
(4)
(18)
B1
(16)
(17)
B2
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
A3
(5)
A4
(6)
A5
(7)
A6
B3
(13)
B6
(14)
B5
(15)
B4
(8)
A7
(9)
A8
(11)
B8
(12)
B7
(1)
DIR
3 EN1 (BA)
3 EN2 (AB)
1
2


Similar Part No. - UT54ACTS245E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS245 AEROFLEX-UT54ACTS245 Datasheet
244Kb / 10P
Octal Bus Transceiver with Three-State Outputs
More results

Similar Description - UT54ACTS245E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS245 HITACHI-HD74LS245 Datasheet
63Kb / 6P
OCTAL BUS TRANCEIVERS (WITH THREE STATE OUTPUTS)
logo
Texas Instruments
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS245 RENESAS-HD74LS245 Datasheet
88Kb / 6P
Octal Bus Transceivers (with three-state outputs)
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Aeroflex Circuit Techno...
UT54ACS245 AEROFLEX-UT54ACS245 Datasheet
244Kb / 10P
Octal Bus Transceiver with Three-State Outputs
UT54ACS245S AEROFLEX-UT54ACS245S Datasheet
245Kb / 10P
Schmitt Octal Bus Transceiver with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com