Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8601 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8601
Description  Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8601 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8601 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCD8601 Rev T
DESCRIPTION
The Aeroflex Plainview VGR8601/02 consists of a positive (RH117) and a negative (RH137) voltage regulator each
capable of supplying in excess of 1.5Amps over the output voltage range as defined under recommended operating
conditions. Each regulator is exceptionally easy to set-up, requiring only 2 external resistors to set the output voltage.
The module design has been optimized for excellent regulation and low thermal transients. There is full electrical
isolation between positive and negative regulators and each regulator to the package.
Further, the VRG8601/ 02 features internal current limiting, thermal shutdown and safe-area compensation, making
them virtually blowout-proof against overloads. The VRG8601/02 serves a wide variety of applications including
local on-card regulation, programmable output voltage regulation or precision current regulation.
The VRG8601/02 has been specifically designed to meet exposure to radiation environments. The VRG8601 is
configured for a Thru-Hole 6 lead metal power package and the VRG8602 is configured for a Surface Mount 6 lead
metal power package. It is guaranteed operational from -55°C to +125°C. Available screened to MIL-STD-883, the
VRG8601/ 02 is ideal for demanding military and space applications.
For detailed performance characteristic curves, applications information and typical applications see the
latest
Linear Technology Corporation
® data sheets for their RH/LT117 and RH/LT137, which is available
on-line at www.linear.com.
5
VIN
ADJ
VOUT
RH137
4
3
VIN
ADJ
VOUT
RH117
1
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
2
6
Positive
Regulator
Regulator
Negative
VRG8601/02
Radiation Tolerant
September 9, 2011
www.aeroflex.com/voltreg
Standard Products
Dual Adjustable Positive/Negative Voltage Regulators
FEATURES
Manufactured using
Linear Technology Corporation
® Space Qualified RH117 and RH137 die
Radiation performance
- Total dose:
100 krads(Si),
Dose rate = 50 - 300 rads(Si)/s
- ELDRS:
50 krads(Si),
Dose rate < 10 mrads(Si)/s
Two-Independent voltage regulators
Thermal shutdown
1.5A output current
Adjustable Output Voltages
Packaging – Hermetic metal
– Thru-hole or Surface mount
– 6 Leads, .655"L x .415"W x .200"Ht
– Power package
– Weight - 5 gm max
Positive regulator features (RH117)
– Output voltage adjustable: +1.25V to 37V
– 3-Terminal
– Voltage reference: 1.25V
– Load regulation: 1.9% max
– Line regulation: 0.06% max
– Ripple rejection: >66dB
Negative regulator features (RH137)
– Output voltage adjustable: -1.25V to -27V
– 3-Terminal
– Voltage reference: 1.25V
– Load regulation: 1.0% typ
– Line regulation: .05% typ
– Ripple rejection: >66dB
Designed for aerospace and high reliability space applications
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.


Similar Part No. - VRG8601

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8607 AEROFLEX-VRG8607 Datasheet
130Kb / 6P
Dual Adjustable Positive Voltage Regulators Radiation Tolerant
VRG8607-201-1S AEROFLEX-VRG8607-201-1S Datasheet
130Kb / 6P
Dual Adjustable Positive Voltage Regulators Radiation Tolerant
VRG8607-201-2S AEROFLEX-VRG8607-201-2S Datasheet
130Kb / 6P
Dual Adjustable Positive Voltage Regulators Radiation Tolerant
VRG8607-7 AEROFLEX-VRG8607-7 Datasheet
130Kb / 6P
Dual Adjustable Positive Voltage Regulators Radiation Tolerant
VRG8607-901-1S AEROFLEX-VRG8607-901-1S Datasheet
130Kb / 6P
Dual Adjustable Positive Voltage Regulators Radiation Tolerant
More results

Similar Description - VRG8601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8607 AEROFLEX-VRG8607 Datasheet
130Kb / 6P
Dual Adjustable Positive Voltage Regulators Radiation Tolerant
VRG8609 AEROFLEX-VRG8609 Datasheet
130Kb / 6P
Dual Adjustable Negative Voltage Regulators Radiation Tolerant
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com