Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8601 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # VRG8601
Description  Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8601 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  VRG8601 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8601 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SCD8601 Rev T 9/9/11
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RANGE
UNITS
Operating (Junction) Temperature Range
-55 to +150
C
Lead Temperature (soldering, 10 sec)
300
°C
Storage Temperature Range
-65 to +150
C
Input-Output Voltage Differential
40 (Pos)
30 (Neg)
V
Thermal Resistance (junction to case
JC) each, Pos. & Neg.
5°C/W
ESD Rating
1.999 1/
KV
1/ Meets ESD testing per MIL-STD-883, method 3015, Class 1C.
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are stress rating
only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation
Conditions" may effect device reliability..
RECOMMENDED OPERATING CONDITIONS
PARAMETER
RANGE
UNITS
Output Voltage Range
Positive Voltage Regulator
1.3 to 37
VDC
Negative Voltage Regulator
-1.3 to -27
VDC
Case Operating Temperature Range
-55 to +125
°C
POSITIVE REGULATOR – ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
PARAMETER
SYM
CONDITIONS (P
PMAX
MIN
MAX
UNITS
Reference Voltage 4/VREF
3V < (VIN - VOUT) < VDIFF MAX, 10mA < IOUT < IMAX
1.20
1.30
V
Line Regulation 2/ 4/3V < (VIN - VOUT) < VDIFF MAX, IOUT = 10mA
-
0.03
%/V
Load Regulation 2/ 4/
10mA < IOUT < IMAX, VOUT < 5V
10mA < IOUT < IMAX, VOUT > 5V
-
-
60
1.2
mV
%
Thermal Regulation
IOUT = 1.5A, (VIN - VOUT) = 13.3V, 20ms Pulse, 20W,
TC = +25°C
-0.07
%/W
Ripple Rejection Ratio
VOUT = 10V, f = 120Hz, CADJ = 10µF
66
-
dB
Adjustment Pin Current 4/IADJ
IOUT = 10mA, 3V < (VIN - VOUT) < 40V
-
100
µA
Adjustment Pin Current
Change 4/
IADJ
10mA < IOUT < IMAX
3V < (VIN - VOUT) < 40V
-5
µA
Minimum Load Current 3/ 4/IMIN
(VIN - VOUT) = 40V
-
5
mA
Current Limit 4/ 5/IMAX
(VIN - VOUT) < 15V
1.5
-
A
(VIN - VOUT) = 40V, TC = +25°C
0.30
-
Long Term Stability 3/TC = +125°C
-
1
%
Thermal Resistance, each
Regulator
(Junction to Case) 3/
JC
-5
°C/W
VOUT
VIN
VOUT
IOUT
VOUT
TIME



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com