Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8609 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # VRG8609
Description  Dual Adjustable Negative Voltage Regulators Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8609 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  VRG8609 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SCD8609 Rev E 9/9/11
Aeroflex Plainview
The maximum Power dissipation is limited by the thermal shutdown function of each regulator chip in the VRG8609/10. The
graph above represents the achievable power before the chip shuts down. The first line in the graph represents the maximum
power dissipation of the VRG8609/10 with one regulator on (the other off) and the other line represents both regulators on
dissipating equal power. If both regulators are on and one regulator is dissipating more power that the other, the maximum power
dissipation of the VRG8609/10 will fall between the two lines. This graph is based on the maximum junction temperature of
150°C and a thermal resistance (
JC) of 5°C/W.
60
50
40
30
20
10
0
20
40
60
80
100
120
140
Case Temperature (°C)
1 Regulator
0
Both Regulators
Maximum Power
Dissipation
(Watts)
IADJ = 50µA
VREF = 1.25V,
-Reg = VOUT = -VREF (1+R2/R1) + (-IADJ x R2)
Adjustable Regulator
VRG8609/10
VIN
VOUT
ADJ
R1
R2
VREF
FIGURE 2 – MAXIMUM POWER vs CASE TEMPERATURE
FIGURE 3 – TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com