Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8609 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8609
Description  Dual Adjustable Negative Voltage Regulators Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8609 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8609 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8609 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCD8609 Rev E
DESCRIPTION
The Aeroflex Plainview VRG8609/10 consists of two negative (RH137) voltage regulators each capable of supplying
in excess of 1.5Amps over the output voltage range as defined under recommended operating conditions. Each
regulator is exceptionally easy to set-up, requiring only 2 external resistors to set the output voltage. The module
design has been optimized for excellent regulation and low thermal transients. There is full electrical isolation
between the regulators and each regulator to the package.
Further, the VRG8609/10 features internal current limiting, thermal shutdown and safe-area compensation, making
them virtually blowout-proof against overloads. The VRG8609/10 serves a wide variety of applications including
local on-card regulation, programmable output voltage regulation or precision current regulation.
The VRG8609/10 has been specifically designed to meet exposure to radiation environments. The VRG8609 is
configured for a Thru-Hole 6 lead metal power package and the VRG8610 is configured for a Surface Mount 6 lead
metal power package. It is guaranteed operational from -55°C to +125°C. Available screened to MIL-STD-883, the
VRG8609/10 is ideal for demanding military and space applications.
For detailed performance characteristic curves, applications information and typical applications see the
latest
Linear Technology Corporation
® data sheets for their RH/LT137, which is available on-line at
www.linear.com.
VRG8609/10
Radiation Tolerant
5
VIN
ADJ
VOUT
4
3
VIN
ADJ
VOUT
1
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
September 9, 2011
www.aeroflex.com/voltreg
Standard Products
2
6
Dual Adjustable Negative Voltage Regulators
RH137
Negative
Regulator
RH137
Negative
Regulator
FEATURES
❑ Manufactured using
Linear Technology Corporation
® Space Qualified RH137 die
❑ Radiation performance
- Total dose:
100 krads(Si),
Dose rate = 50 - 300 rads(Si)/s
- ELDRS:
50 kreds(Si),
Dose rate < 10 mrads(Si)/S
❑ Thermal shutdown
❑ Output voltage adjustable: -1.25V to -27V
❑ 3-Terminal
❑ Output current: 1.5A
❑ Voltage reference: -1.25V
❑ Load regulation: 1.0% max
❑ Line regulation: 0.05% max
❑ Ripple rejection: >66dB
❑ Packaging – Hermetic metal
- Thru-hole or Surface mount
- 6 Leads, .655"L x .415"W x .200"Ht
- Power package
- Weight - 5 gm max
❑ Designed for aerospace and high reliability space
applications
❑ Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.


Similar Part No. - VRG8609

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8601-201-1S AEROFLEX-VRG8601-201-1S Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8601-201-2S AEROFLEX-VRG8601-201-2S Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8601-7 AEROFLEX-VRG8601-7 Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8601-901-1S AEROFLEX-VRG8601-901-1S Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
More results

Similar Description - VRG8609

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
3-Terminal Adjustable Negative Regulators (High Voltage)
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OM7627NM ETC-OM7627NM Datasheet
18Kb / 2P
HERMETIC SURFACE MOUNT ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
logo
Aeroflex Circuit Techno...
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8607 AEROFLEX-VRG8607 Datasheet
130Kb / 6P
Dual Adjustable Positive Voltage Regulators Radiation Tolerant
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com