Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8657 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # VRG8657
Description  Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8657 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  VRG8657 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SCD8657 Rev K 5/15/12
Aeroflex Plainview
The maximum Power dissipation is limited by the thermal shutdown function of each regulator chip in the
VG8657/8658. The graph above represents the achievable power before the chip shuts down. The first line in the
graph represents the maximum power dissipation of the VG8657/8658 with one regulator on (the other off) and the
other line represents both regulators on dissipating equal power. If both regulators are on and one regulator is
dissipating more power that the other, the maximum power dissipation of the VG8657/8658 will fall between the two
lines. This graph is based on the maximum junction temperature of 150°C and a thermal resistance (
JC) of 5°C/W.
60
50
40
30
20
10
0
20
40
60
80
100
120
140
Case Temperature (°C)
1 Regulator
0
Both Regulators
Maximum Power
Dissipation
(Watts)
FIGURE 2 – MAXIMUM POWER vs CASE TEMPERATURE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com