Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8657 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # VRG8657
Description  Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8657 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  VRG8657 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SCD8657 Rev K 5/15/12
Aeroflex Plainview
FIGURE 4 – RH1086 DROPOUT VOLTAGE
FIGURE 3 – RH1086 SHORT CIRCUIT CURRENT
See Note 1, pg 2.
See Note 1/, pg 2.
OUTPUT CURRENT (A)
0
0
1
2
0.5
1
1.5
TJ = – 55°C
TJ = 25°C
TJ = 150°C
See Note 1/, pg 2.
TYPICAL CURVE
VRG8657/58
VIN
Vout
ADJ
R1
R2
VREF
10µF
Tant.
IADJ = 50µA
VREF = 1.25V,
+Reg = VOUT = VREF (1+R2/R1) + (IADJ x R2)
FIGURE 5 – BASIC RH1086 ADJUSTABLE REGULATOR APPLICATION
10µF
Tant.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com