Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8692 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # VRG8692
Description  Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8692 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  VRG8692 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SCD8691 Rev H 11/12/13
Aeroflex Plainview
3
VRG8691/92
VIN
VOUT
VSENSE
R1
R2
VREF (=1V)
CURR. LIMIT
10
11
12
4
3
2
1
8
ENABLE
6
9
IADJ
7
5
0.1µF
47µF
+
VBIAS
SLOW START
VBIAS
VIN
CURR. LIMIT
GND
0.1µF
FIGURE 2 –SETTING OUTPUT VOLTAGE
ENABLE 1/
Notes:
1/ ENABLE should be asserted after both VIN and VBIAS are applied.
(See Application Note 3, Figure 5 for the configuration where a separate ENABLE control line is NOT required).
2/ ICL varies directly with VIN.
(See Application Note 2 for adjusting the Current Limit, ICL).
To set the output voltage for a particular Vout:
- Choose an R2 value. (Recommended value = 1k
- Then use the following formula to determine the value of R1.
Table 1 shows example values for R1 and R2 to achieve some standard voltages.
Table 2 shows the nominal current limit settings if the ’CURR. LIMIT’ function (pin 8) is left open.
CLOAD
47µF
VOUT
+
Table 2
2/
VIN
ICL NOM
5V
11.5A
3.3V
7.5A
2.5V
5.7A
1.8V
4.1A
Table 1
Example R1 & R2 for typical VOUT
VOUT
R2
R1
3.3V
1k
2.3k
2.5V
1k
1.5k
1.8V
1k
800
1.0V
1k
0
APPLICATION NOTE 1
BASIC SET-UP
Setting the output voltage (VOUT):
VOUT - VREF
(R2 x IADJ) + VREF
R1 = R2 x
, where VREF = 1v, IADJ typ = 10pA
1µF
TANT
1µF
TANT
CER
CER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com