Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8692 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8692
Description  Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8692 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8692 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8692 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SCD8691 Rev H
11
12
10
Radiation performance
- Total dose:
100 krads(Si),
Dose rate = 50 - 300 rads(Si)/s
Output voltage adjustable: 1.0V to 3.3V
Output current: 7.5A
Dropout voltage: 0.5V at 7.5Amps
Voltage reference: 1.0V ±0.5%
Load regulation: 0.5% max
Line regulation: 0.2% max
Ripple rejection: >80dB
Enable Input - TTL / CMOS Compatible
Slow Start capability
Stable with multiple ceramic output capacitors
Packaging – Hermetic metal
- Thru-hole or Surface mount
- 12 Leads, 0.900"L x 1.000"W x .205"Ht
- Power package
- Weight - 18 gm max
Designed for aerospace and high reliability space
applications
DESCRIPTION
The Aeroflex Plainview VRG8691/92 is capable of supplying in excess of 7.5Amps over the output voltage range as
defined under recommended operating conditions. The regulator is exceptionally easy to set-up, requiring only 2
external resistors to set the output voltage. The module design has been optimized for excellent regulation and low
drop-out voltage. Figures 2 through 5 illustrate setting output voltage, setting current limits and choosing a slow start
capacitor. The VRG8691/92 serves a wide variety of applications including local on-card regulation, programmable
output voltage regulation or precision current regulation.
The VRG8691/92 has been specifically designed to meet exposure to radiation environments. The VRG8691 is
configured for a Thru-Hole 12 lead metal power package and the VRG8692 is configured for a Surface Mount 12 lead
metal power package. It is guaranteed operational from -55°C to +125°C. Available screened to MIL-STD-883, the
VRG8691/92 is ideal for demanding military and space applications.
CURRENT LIMIT (ICL)
The VRG8691/92 features internal current limiting making them virtually blowout-proof against overloads. The limit
is nominally 11.5A @ Vin = 5V (see Table 2), but may be increased or decreased with the addition of one external
resistor (see Application Note 2).
VRG8691/92
Radiation Tolerant
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
November 12, 2013
www.aeroflex.com/voltreg
Standard Products
Adjustable 7.5A Positive LDO Regulator
FEATURES
8
VRG8691/92
9
6
5
4
VOUT
VSENSE
Current Limit
GND
ENABLE
VBIAS
VIN
7
Slow Start
2
1
3
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.


Similar Part No. - VRG8692

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8697 AEROFLEX-VRG8697 Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8697-7 AEROFLEX-VRG8697-7 Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8697-901-1S AEROFLEX-VRG8697-901-1S Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8697-901-2S AEROFLEX-VRG8697-901-2S Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8698 AEROFLEX-VRG8698 Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
More results

Similar Description - VRG8692

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
logo
Aeroflex Circuit Techno...
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com