Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8692-S Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # VRG8692-S
Description  Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8692-S Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  VRG8692-S Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SCD8691 Rev H 11/12/13
Aeroflex Plainview
5
VRG8691/92
VIN
VOUT
VSENSE
CURR. LIMIT
10
11
12
4
3
2
1
8
ENABLE
6
9
7
5
0.1µF
47µF
+
VBIAS
SLOW START
VBIAS
VIN
CURR. LIMIT
GND
0.1µF
ENABLE
- As shown in Table 3, if the ’CURR. LIMIT’ function (pin 8) is left open, the ICL decreases from 11.5 A(NOM) as VIN is
decreased from 5V.
- To achieve any ICL, less than nominal, use RDEC which can be calculated using the following formula:
RDEC
FIGURE 4 – DECREASING THE CURRENT LIMIT (ICL)
APPLICATION NOTE 2 (CONTINUED)
SETTING THE CURRENT LIMIT
To Decrease the Current Limit (ICL):
RDEC(K-OHMS) =
31 x VIN
69 x VIN
30
- ICL
()
R1
R2
VREF (=1V)
IADJ
CLOAD
47µF
VOUT
+
TANT
1µF
1µF
TANT
CER
CER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com