Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8692-S Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # VRG8692-S
Description  Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8692-S Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  VRG8692-S Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8692-S Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SCD8691 Rev H 11/12/13
Aeroflex Plainview
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RANGE
UNITS
Operating (Junction) Temperature Range
-55 to +150
°C
Lead Temperature (soldering, 10 sec)
300
°C
Storage Temperature Range
-65 to +150
°C
VBIAS, VIN
7V
Thermal Resistance (Junction to case
JC)1
°C/W
Power
25 1/W
1/ Based on pass transistor limitations of (VIN - VO) x IO and
JC < 1°C/W with 25°C max TJ rise and TC = +125°C.
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only; functional operation beyond the “Operation Conditions” is not recommended and extended exposure beyond the “Operation
Conditions” may effect device reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
RANGE
UNITS
Output Voltage Range
1.0 to 3.3
VDC
Case Operating Temperature Range
-55 to +125
°C
Output Current
0 to 7.5
A
VBIAS
3.3 to 5.5 1/VDC
VIN
1.8 to 5.5 2/VDC
1/ VBIAS must maintain a level equal or above VIN but not fall below 3.3V
2/ Depending upon VOUT setting.
ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
PARAMETER
SYM
CONDITIONS
MIN
MAX
UNITS
Reference Voltage
VREF
VIN = VBIAS = 5V, ENABLE = 0, 0A < IOUT < 7.5A
0.985
1.015
V
Line Regulation
2V < VIN < 3V, VOUT = 1.0V, CIN > 47µF,
4.3V < VIN < 5.3V, VOUT = 3.3V, COUT > 47µF,
-0.2
%/V
Load Regulation
0A < IOUT < 7.5A, CIN > 47µF, COUT > 47µF,
-
0.5
%
Ripple Rejection Ratio
f = 120Hz, CLOAD = 47µF,
VIN + VRIP > VOUT + VDROP(MAX) @ 5A,
VIN = 4.3V, VRIP = 1VP-P, VOUT = 3.3V
80
-
dB
Dropout Voltage
VDROP
@
VOUT = 1%, 0A < IOUT < 7.5A
-
0.5
V
Adjustment Pin Current
IADJ
-3
µA
Minimum Load Current
IMIN
-0
mA
Current Limit 2/ICL
9.5
13.5
A
Long Term Stability 3/
-1
%
Supply Current (VBIAS)IBIAS
-15
mA
Notes:
1/ Unless otherwise specified, these specifications apply for post radiation: VBIAS = VIN = 5V, VOUT = 3.3V, IOUT = 7.5A and -55°C < Tc <+125°C, Min
Input/Output capacity of 47µF Tant with 1µF ceramic in parallel.
2/ Current Limit is adjustable as shown in Application Note 2, Figures 3 and 4.
3/ Not tested. Shall be guaranteed to the specified limits after 1000hr life test.
VOUT
VIN
VOUT
IOUT
VOUT
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com