Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLD8403 Datasheet(PDF) 1 Page - Analog Devices

Part # ADLD8403
Description  Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLD8403 Datasheet(HTML) 1 Page - Analog Devices

  ADLD8403 Datasheet HTML 1Page - Analog Devices ADLD8403 Datasheet HTML 2Page - Analog Devices ADLD8403 Datasheet HTML 3Page - Analog Devices ADLD8403 Datasheet HTML 4Page - Analog Devices ADLD8403 Datasheet HTML 5Page - Analog Devices ADLD8403 Datasheet HTML 6Page - Analog Devices ADLD8403 Datasheet HTML 7Page - Analog Devices ADLD8403 Datasheet HTML 8Page - Analog Devices ADLD8403 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ultralow Power, Adaptive Linear Power,
Dual-Port ADSL/ADSL2+ Line Driver
Data Sheet
ADLD8403
FEATURES
2 differential DSL channels comprising current feedback,
high output current amplifiers with integrated feedback
resistors plus biasing network
Ideal for use as ADSL/ADSL2+ dual-channel central office
(CO) line drivers
Low power consumption using Class H technology
Single 12.5 V supply operation
20.4 dBm line power, 1:1 transformer
Less than 600 mW per channel total power dissipation
while driving 20.4 dBm (includes 110 mW line power)
Less than 275 mW per channel total power dissipation
while driving 14.5 dBm (including line power)
High output voltage and current drive
43.4 V differential output voltage swing
Low distortion
−65 dBc typical multitone power ratio (MTPR) at 20.4 dBm,
26 kHz to 2.2 MHz
Low cost protection components enable ITU-T-K20 and
GR-1089 compliance
APPLICATIONS
ADSL/ADSL2+ CO line drivers
INTERNAL SCHEMATIC
VEEP
VCCP
VCC
AV = 13V/V
VOPA
VONA
INPA
VCOM_A
INNA
VCC
4kΩ
4kΩ
Figure 1. Channel A Internal Schematic
GENERAL DESCRIPTION
The ADLD8403 comprises two differential, high output current,
low power consumption operational amplifiers. It is particularly
well suited for the CO driver interface in digital subscriber line
systems, such as ADSL and ADSL2+. The driver can deliver
20.4 dBm to a line while compensating for losses due to hybrid
insertion and back termination resistors. The ADLD8403 uses
the Analog Devices, Inc., second generation Adaptive Linear
Power™ (Class H) architecture to achieve unprecedented power
efficiency using a single power supply. Additional functionality
allows the shutdown of pumps for enhanced power savings for
line powers of less than 14.5 dBm. This functionality yields the
smallest printed circuit board (PCB) footprint and lowest total
cost of ownership.
The low power consumption, high output current, high
output voltage swing, and robust thermal packaging enable
the ADLD8403 to be the CO line driver in ADSL and other
xDSL systems.
The ADLD8403 is available in a 4 mm × 4 mm, 20-lead LFCSP.
18
–6
–2
2
6
10
14
0
10
9
8
7
6
5
4
3
2
1
TIME (µs)
VOPA
VONA
VOPB
VONB
VCCP
VEEP
Figure 2. Outputs and Pumps Time Domain Response, Typical ADSL/ADSL2+
Application Circuit, VCC = 12.5 V, POUT = 20.4 dBm, Crest Factor = 5.45
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADLD8403

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADLD8403ACPZ-R2 AD-ADLD8403ACPZ-R2 Datasheet
438Kb / 11P
Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
REV. C
ADLD8403ACPZ-R7 AD-ADLD8403ACPZ-R7 Datasheet
438Kb / 11P
Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
REV. C
ADLD8403ACPZ-RL AD-ADLD8403ACPZ-RL Datasheet
438Kb / 11P
Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
REV. C
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
REV. C
More results

Similar Description - ADLD8403

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8393 AD-AD8393 Datasheet
83Kb / 1P
Adaptive Linear Power 12 V ADSL-CO Line Driver
AD8392 AD-AD8392 Datasheet
529Kb / 16P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
7/04-Revision 0
AD8392A AD-AD8392A Datasheet
557Kb / 12P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
10/06-Revision 0
logo
Intersil Corporation
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
April 3, 2007
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
Dual Channel CO ADSL2 Line Driver
September 28, 2006
logo
Analog Devices
AD8394 AD-AD8394 Datasheet
66Kb / 2P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
AD8393 AD-AD8393_15 Datasheet
89Kb / 1P
Adaptive Linear Power
REV. SpA
logo
Intersil Corporation
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
logo
Analog Devices
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
REV. C
AD8392A AD-AD8392A_16 Datasheet
570Kb / 13P
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com