Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLD8403 Datasheet(PDF) 3 Page - Analog Devices

Part # ADLD8403
Description  Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADLD8403 Datasheet(HTML) 3 Page - Analog Devices

  ADLD8403 Datasheet HTML 1Page - Analog Devices ADLD8403 Datasheet HTML 2Page - Analog Devices ADLD8403 Datasheet HTML 3Page - Analog Devices ADLD8403 Datasheet HTML 4Page - Analog Devices ADLD8403 Datasheet HTML 5Page - Analog Devices ADLD8403 Datasheet HTML 6Page - Analog Devices ADLD8403 Datasheet HTML 7Page - Analog Devices ADLD8403 Datasheet HTML 8Page - Analog Devices ADLD8403 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
ADLD8403
SPECIFICATIONS
VCC = 12.5 V, RL = 100 Ω, GDIFF = 13 (fixed), PD_A = 0, PD_B = 0, T = 25°C, typical DSL application circuit, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
8
MHz
VOUT = 0.1 V p-p, differential
−3 dB Large Signal Bandwidth
8
MHz
VOUT = 2 V p-p, differential
Differential Gain
12.8
13
13.2
V/V
NOISE/DISTORTION PERFORMANCE
Multitone Power Ratio (MTPR)
−65
dBc
26 kHz to 2.2 MHz, ZLINE = 100 Ω, differential load
Differential Output Noise
120
nV/√Hz
f = 10 kHz
INPUT CHARACTERISTICS
Referred to Output (RTO) Offset Voltage
<100
mV
Single-ended
15
200
mV
Differential
Input Resistance
8
kΩ
Differential
Input Capacitance
1
pF
Differential
OUTPUT CHARACTERISTICS
Differential Output Voltage Swing
43.4
V
ΔVOUT, RL = 100 Ω
POWER SUPPLY
Operating Range, Single Supply
11.75
12.5
V
Total Quiescent Current
Full chip
PD_A = 0, PD_B = 0, PD_PMP = 0
35.6
38
mA
Pumps are on, both channels active
PD_A = 0, PD_B = 0, PD_PMP = 1
22.0
25
mA
Pumps are off, both channels active
PD_A = 0, PD_B = 1, PD_PMP = 0
21.0
23.5
mA
Pumps are on, one channel active
PD_A = 0, PD_B = 1, PD_PMP = 1
10.6
13
mA
Pumps are off, one channel active
PD_A = 1, PD_B = 1
2.5
3.5
mA
Pumps are off, both channels inactive
Common-Mode Voltage
20
mV
With respect to midsupply
Threshold
PD_A = 0, PD_B = 0
0.8
V
PD_A = 1, PD_B = 1
2.4
V
Input Current
PD_A = 0, PD_B = 0
35
60
µA
0 ≡ 0.8 V
PD_A = 1, PD_B = 1
5
10
µA
1 ≡ 2.4 V
Rev. C | Page 3 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com