Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX77424-R4SWR Datasheet(PDF) 4 Page - Axiomtek Co., Ltd.

Part # EX77424-R4SWR
Description  Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX77424-R4SWR Datasheet(HTML) 4 Page - Axiomtek Co., Ltd.

  EX77424-R4SWR Datasheet HTML 1Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 2Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 3Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 4Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 5Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EX77000 Series
www.EtherWAN.com
4
rev. A4
Application Diagram
Alpha-Ring < 15ms
PLC
EX61000A
EX61000A
EX61000A
EX61000A
PLC
Fire Detecon System
Exhaust Control System
Exhaust Control System
Speed Display
IP Camera System
Emergency Phone
Dimensions
44.2mm
(1.74”)
442mm (17.4”)
Back
Top
Side
Front
The EX77000 utilized in an intelligent tunnel solution
EX71000
EX71000
EX71000
EX71000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com