Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX77424-R4SWR Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX77424-R4SWR
Description  Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX77424-R4SWR Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX77424-R4SWR Datasheet HTML 1Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 2Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 3Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 4Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 5Page - Axiomtek Co., Ltd. EX77424-R4SWR Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX77000 Series
www.EtherWAN.com
1
rev. A4
Overview
EtherWAN’s EX77000 Series provides a Hardened Fully Managed 28-port switching platform combining high performance
switching backbone with robust and secure management features required for mission critical and harsh environments
where sustained connectivity is crucial.
The EX77000 Series is equipped with twenty-four 10/100BASE Fast Ethernet ports, in combination with up to four Gigabit,
Fixed Fiber, or SFP Combo port options. Mountable on a 1U rack, the EX77000 Series is equipped with EtherWAN’s Alpha-
Ring self-healing technology, providing less than 15ms fault recovery time making it ideal for applications intolerant to
interruption.
Users are able to access management features such as port security, IGMP snooping, VLANs, GARP protocols, LACP, and via
web browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces.
EtherWAN — "When Connectivity is Crucial."
Spotlight
•VersatileConnectivity
◦ Provides flexibility of 24-port 10/100BASE-TX/FX/BX/SFP plus 4-port Gigabit-TX/SX/LX/BX/SFP
•HardenedGrade
◦ Wide operating temperature range for extreme environments
◦ Fanless and ruggedized housing
◦ High shock and electric noise immunity
•SecureRemoteAccess
◦ IEEE802.1x, ACL(Access Control List), and RADIUS support
EX77000Series
HardenedManaged24-port10/100BASEand4-portGigabit
EthernetSwitchwithSFPoptions
NEMA
TS2


Similar Part No. - EX77424-R4SWR

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Axiomtek Co., Ltd.
EX70900 AXIOMTEK-EX70900 Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-03B AXIOMTEK-EX70962-03B Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-04B AXIOMTEK-EX70962-04B Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-05B AXIOMTEK-EX70962-05B Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
More results

Similar Description - EX77424-R4SWR

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX61000A AXIOMTEK-EX61000A Datasheet
741Kb / 6P
Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX87000 AXIOMTEK-EX87000 Datasheet
736Kb / 6P
IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX89000 AXIOMTEK-EX89000 Datasheet
732Kb / 6P
IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com