Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F573FCX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F573FCX
Description  Octal D-Type Latch with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F573FCX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F573FCX Datasheet HTML 1Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 2Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 3Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 4Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 5Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 6Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 7Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9566
August 1995
54F74F573
Octal D-Type Latch with TRI-STATE
Outputs
General Description
The ’F573 is a high speed octal latch with buffered common
Latch Enable (LE) and buffered common Output Enable
(OE) inputs
This device is functionally identical to the ’F373 but has
different pinouts
Features
Y
Inputs and outputs on opposite sides of package
allowing easy interface with microprocessors
Y
Useful as input or output port for microprocessors
Y
Functionally identical to ’F373
Y
TRI-STATE outputs for bus interfacing
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F573PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F573DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F573SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F573SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F573FM (Note 2)
W20A
20-Lead Cerpak
54F573LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9566 – 1
IEEEIEC
TLF9566 – 4
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9566 – 2
Pin Assignment
for LCC
TLF9566 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 74F573FCX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
Octal transparent latch 3-State
1989 Oct 16
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
Octal D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
74F573 TI-74F573 Datasheet
373Kb / 10P
54F573 74F573 Octal D-Type Latch with TRI-STATE(RM) Outputs
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
72Kb / 7P
Octal D-Type Latch with 3-STATE Outputs
74F573PC FAIRCHILD-74F573PC Datasheet
71Kb / 7P
Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74F573FCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
Octal D-Type Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
Octal Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
TRI-STATE-R Octal D-Type Latch with Inverted Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
Octal D-Type Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
Octal Latch with Tri-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com