Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F573FCX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F573FCX
Description  Octal D-Type Latch with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F573FCX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F573FCX Datasheet HTML 1Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 2Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 3Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 4Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 5Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 6Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 7Page - National Semiconductor (TI) 74F573FCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D7
Data Inputs
1010
20 mA b06 mA
LE
Latch Enable Input (Active HIGH)
1010
20 mA b06 mA
OE
TRI-STATE Output Enable Input
1010
20 mA b06 mA
(Active LOW)
O0–O7
TRI-STATE Latch Outputs
15040(333)
b
3 mA24 mA (20 mA)
Functional Description
The ’F573 contains eight D-type latches with 3-state output
buffers When the Latch Enable (LE) input is HIGH data on
the Dn inputs enters the latches In this condition the latch-
es are transparent ie a latch output will change state each
time its D input changes When LE is LOW the latches store
the information that was present on the D inputs a setup
time preceding the HIGH-to-LOW transition of LE The 3-
state buffers are controlled by the Output Enable (OE) input
When OE is LOW the buffers are in the bi-state mode
When OE is HIGH the buffers are in the high impedance
mode but this does not interfer with entering new data into
the latches
Function Table
Inputs
Outputs
OE
LE
D
O
LH
H
H
LH
L
L
LL
X
O0
HX
X
Z
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
O0 e Value stored from previous clock cycle
Logic Diagram
TLF9566 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com