Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8510 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT8510
Description  ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8510 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT8510 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SCD8510 Rev D 11/14/08
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS 1/
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Supply Voltage
+VEE (Pin 44)
-VEE (Pin 46)
VREF (Pin 48)
+20
-20
+7.5
V
V
V
Digital Input Overvoltage
VEN (Pins 5, 6, 91, 92), VA (Pins 1, 3, 93, 95), VB (Pins 2, 4, 94, 96)
< VREF +0.5
> GND -0.5
V
V
Analog Input Over Voltage
VS
±18V
V
Notes:
1/ All measurements are made with respect to ground.
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress rating only;
functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions" may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS 1/
Symbol
Parameter
Typical
Units
+VEE
+15V Power Supply Voltage
+15.0
V
-VEE
-15V Power Supply Voltage
-15.0
V
VREF
Reference Voltage
+5.00
V
VAL
Logic Low Level
+0.8
V
VAH
Logic High Level
+4.0
V
Notes:
1/ Power Supply turn-on sequence shall be as follows: -VEE, VREF, followed by +VEE.
DC ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
(Tc = -55°C to +125°C, -VEE = -15V, VREF = +5.0V, +VEE = +15V - Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Units
Supply Current
+IEE
VEN(0-63) = VA(0-3)A = VA(0-3)B = 0
03
mA
-IEE
-3
0
mA
+ISBY
VEN(0-63) = 4V, VA(0-3)A = VA(0-3)B = 0 7/
03
mA
-ISBY
-3
0
mA
Address Input Current
IAL(0-3)A
VA = 0V
-4
4
μA
IAH(0-3)A
VA = 5V
-4
4
μA
IAL(0-3)B
VB = 0V
-2
2
μA
IAH(0-3)B
VB = 5V
-2
2
μA
Enable Input Current
IENL(0-15)
VEN(0-15) = 0V
-1
1
μA
IENH(0-15)
VEN(0-15) = 5V
-1
1
μA
IENL(16-31)
VEN(16-31) = 0V
-1
1
μA
IENH(16-31)
VEN(16-31) = 5V
-1
1
μA
IENL(32-47)
VEN(32-47) = 0V
-2
2
μA
IENH(32-47)
VEN(32-47) = 5V
-2
2
μA
IENL(48-63)
VEN(48-63) = 0V
-2
2
μA
IENH(48-63)
VEN(48-63) = 5V
-2
2
μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com