Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8510 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8510
Description  ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8510 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8510 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8510 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8510 Rev D
GENERAL DESCRIPTION
Aeroflex’s ACT8510 is a radiation tolerant, 64 channel multiplexer MCM (multi-chip module) with
electrostatic discharge (ESD) protection on all channel inputs.
The ACT8510 has been specifically designed to meet exposure to radiation environments. It is available in a
96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (CQFP). It is guaranteed operational
from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534, the ACT8510 is ideal for
demanding military and space applications.
ORGANIZATION AND APPLICATION
The ACT8510 consists of six 16 channel multiplexers arranged as shown in the Block Diagram. The
ACT8510 design is inherently radiation tolerant.
A SECTION
Thirty-two (32) channels addressable by bus A0~A3, in two 16 channel blocks, each block enabled
separately. Each block connects the addressed channel to two outputs, "Output" and "Current".
This
technique enables selecting and reading a remote resistive sensor without the multiplexer resistance being
part of the measurement. For grounded sensors, this is done by passing current to the sensor by means of the
"Current" pin and reading the resultant voltage (proportional to the sensor resistance) at the "Output" pin.
B SECTION
Thirty-two (32) channels addressable by bus B0~B3, in two 16 channel blocks, each block enabled
separately. Each block connects the addressed channel to one output. By paralleling the channel inputs and
enables, this section can be converted to act like one of the 16 channel blocks of the A section.
ACT8510 64-Channel Analog Multiplexer Module
Radiation Tolerant & ESD Protected
www.aeroflex.com/mux
Standard Products
FEATURES
64-Channels provided by six 16-channel multiplexers
Radiation performance
- Total dose:
150 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- SEU:
Immune up to 90 MeV-cm2/mg
- SEL:
Immune by process design
Full military temperature range
Low power consumption < 90mW
Two address busses (A0-3 & B0-3) and four enable lines afford flexible organization.
All channel inputs are protected by ±20V nominal Transorbs.
Fast access time < 500ns typical
Break-Before-Make switching
High analog input impedance (power on or off)
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic
- 96 leads, 1.32"Sq x 0.20"Ht quad flat pack
- Typical Weight 15 grams
DSCC SMD 5962-09202 pending
Note: Aeroflex Plainview does not currently have a DSCC certified Radiation Hardened Assurance Program.
November 14, 2008


Similar Part No. - ACT8510

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-201-1S AEROFLEX-ACT8511-201-1S Datasheet
98Kb / 8P
ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-7 AEROFLEX-ACT8511-7 Datasheet
98Kb / 8P
ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511-S AEROFLEX-ACT8511-S Datasheet
98Kb / 8P
ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results

Similar Description - ACT8510

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8507 AEROFLEX-MUX8507 Datasheet
397Kb / 9P
MUX8507 64-Channel Analog Multiplexer Module Radiation Tolerant
MUX8520 AEROFLEX-MUX8520 Datasheet
89Kb / 8P
MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8533 AEROFLEX-MUX8533 Datasheet
92Kb / 8P
MUX8533 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com