Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1000 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # FS1000
Description  Fast Switching Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS1000 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  FS1000 Datasheet HTML 1Page - Aeroflex Circuit Technology FS1000 Datasheet HTML 2Page - Aeroflex Circuit Technology FS1000 Datasheet HTML 3Page - Aeroflex Circuit Technology FS1000 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIGNAL & CONTROL SOLUTIONS
Phone: (732) 460-0212, Fax: (732) 460-0214
www.aeroflex.com/ascs, email: ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS1000 Series
Fast Switching Synthesizer
Supports hundreds of fast switching, high spectral purity applications.
Features:
• <100 Microsecond switching
• Low phase noise -130 dBc/Hz
• 2 Hz resolution
• Low spurious
• Dual configuration available
Description:
The
Aeroflex
FastSource
1000
RF
source
represents a milestone in Synthesizer development and
reflects years of design experience in Fast Switching
Synthesis.
Designed specifically to meet the needs of todays
Telecommunications
industry,
this
high
speed
source offers a cost effective solution without
sacrificing
performance.
The
source
covers
a
frequency range of 4.5 MHz to 6.0 GHz with
a switching speed of 100 Microseconds. Spurious
levels are greater than -65 dBc and Phase
noise at 1.0 GHz is greater than -130 dBc/Hz at
10 KHz offset.
Specifications:
Frequency Range:
4.5 MHz to 6010 MHz
Step Size:
2 Hz - 2000 MHz
2 Hz - 2000 to 4000 MHz
4 Hz - 4000 to 6010 MHz
Power Output:
+7 dBm
Flatness:
±1.5 dB
Output Isolation:
25 dB minimum between ports
<5 microseconds switching time between ports
VSWR:
1.8:1
External Reference: 10 MHz, 3 dBm ±4 dB, 50 W
Frequency Stability:
Same as Reference Oscillator
Reference Output:
10 MHz, +3 dBm ±2 dB, 50 W
Phase Noise of External Reference:
dBc/Hz
Offset
-130
100 Hz
-140
1 KHz
-143
10 KHz
-145
50 KHz
Switching Time:
<100 µ seconds to within 1.0 radian of final phase
Noise Floor:
10 MHz OFFSET
Frequency Range
-140 dBc/Hz
4.5 to 180 MHz
-145 dBz/Hz
180 to 1000 MHz
-147 dBc/Hz
1000 to 2000 MHz
-138 dBc/Hz
2000 to 4000 MHz
-134 dBc/Hz
4000 to 6010


Similar Part No. - FS1000

ManufacturerPart #DatasheetDescription
logo
Low Power Radio Solutio...
FS1000A LPRS-FS1000A Datasheet
765Kb / 20P
easyRadio Advanced ISM radio modules
Revision 3.4 April
logo
YENYO TECHNOLOGY Co., L...
FS1000FL YENYO-FS1000FL Datasheet
212Kb / 2P
1.0A Super Fast Recovery Rectifier
More results

Similar Description - FS1000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
FAST SETTLING SYNTHESIZER
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Aeroflex Circuit Techno...
FS1200B AEROFLEX-FS1200B Datasheet
1Mb / 6P
Fast Switching Synthesizer
FS2000 AEROFLEX-FS2000 Datasheet
2Mb / 8P
Fast Switching Synthesizer
FS5000 AEROFLEX-FS5000 Datasheet
1,018Kb / 6P
Fast Switching Synthesizer
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
logo
BOWEI Integrated Circui...
MPLL-E BOWEI-MPLL-E Datasheet
105Kb / 1P
Fast Switching Synthesizer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com