Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1000 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # FS1000
Description  Fast Switching Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS1000 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  FS1000 Datasheet HTML 1Page - Aeroflex Circuit Technology FS1000 Datasheet HTML 2Page - Aeroflex Circuit Technology FS1000 Datasheet HTML 3Page - Aeroflex Circuit Technology FS1000 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIGNAL & CONTROL SOLUTIONS
2
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • acc-sales@aeroflex.com
Revision Date: 8/21/2013
Specifications (con’t):
Output Phase Noise:
OFFSET
<250 MHz
.25 to
<.5 GHz
0.5 to
<1.0 GHz
1.0 to
<2.0 GHz
2.0 to
<4.0 GHz
4.0 to
<6.0 GHz
Typ.
Guar.
Typ.
Guar.
Typ.
Guar.
Typ.
Guar.
Typ.
Guar.
Typ.
Guar.
10 kHz
-125
-122
-135
-132
-131
-127
-125
-122
-119
-116
-113
-110
20 kHz
-127
-124
-137
-133
-133
-129
-127
-124
-121
-118
-115
-112
100
kHz
-128
-125
-138
-134
-134
-130
-128
-123
-122
-118
-116
-113
Harmonics
-25 dBc max.
4.5 to 6010 MHz
Sub Harmonics:
-60 dBc, Typical
-50 dBc Max except for components at FC noted below
@ FC=4.0 to 4.25, 5F/2 may be -45 dBc
@ Offsets ≤±2.8 MHz from the carrier, spurs will be as follows:
FC <180 MHz:
-60 dBc
180 MHz<FC<1.0 GHz
-66 dBc
1.0 GHz<FC<2.0 GHz
-60 dBc
2.0 GHz<FC<4.0 GHz
-54 dBc
4.0 GHz<FC<6.01 GHz
-48 dBc
For 1.0 GHz<FC <2 GHz, fixed spurs at the following frequencies may
be -60 dBc: 1175, 1225, 1275, 1325, 1375, 1425, 1475, 1525,
1575 and 1625 MHz
Spurious:
dBc (maximum)
Frequency Range
-65
4 to 2000 MHz
-60
2000 to 4000 MHz
-55
4000 to 6010MHz
For FC less than 180 MHz a spur may exist between 1609 Mz and
1960 MHz at -35 dBc: A fixed 800 MHz spur may exist at -60 dBc
all carrier frequencies
Residual FM:
Residual FM
Frequency Range
< 7
4 to 2000 MHz
<16
2000 to 4000 MHz
< 32
4000 to 6010MHz
Frequency Control:
Parallel BCD positive or negative true with strobe. Strobe normally
low, trigger on trailing edge
Output Fault:
TTL level logic, “1” normal operation
Remote On/Off (RF): O MHz = Off
On/Off Ratio
<25 dBc
Logic Connector:
50 Pin receptacle, AMP 554216-3
Initialization:
Unit will initialize with RF Off
Random Vibration:
10 Hz to 300 Hz @ 1.2 G RMS
Power:
105 to 125 VAC, 50-60 Hz
Temperature Range: +10o to +45 oC
CONFIGURATION
S = Single Synthesizer
D = Dual, Two independent synthesizers in a common chassis
FS1000 Series
Fast Switching Synthesizer
Physical Dimensions:
Dimensions:
16.75” W X 5.22” H X 23.86” D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com