Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-2000A-9 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # FS-2000A-9
Description  Fast Switching Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS-2000A-9 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  FS-2000A-9 Datasheet HTML 1Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 2Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 3Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 4Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 5Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 6Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 7Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SIGNAL & CONTROL SOLUTIONS
3
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS2000 Series
Fast Switching Synthesizer
Selection Guide
0: Optional STD: Standard *3 - Standard 4/8 MMS module
fits in 70001A main frame.
FS2000EW models incorporate wideband FM and FM active
front panel indicator.
Refer to back page for complete list of Synthesizers and
Options. **Refer to page 7 for complete outline drawings.
Options:
FM
Option 120 – wideband FM available for FS2000A/B
Frequency
Range (MHz)
Peak Deviation
Wide (MHz)
+/- MHz
Narrow MHz
50-69
1.5
1/10
of
wide
70-139
0.75
140-279
1.5
280-559
3.0
560-1149
6.0
1150-2299
12.0
2300-4599
24.0
4600-9199
48.0
9200-18399
96.0
Option 121 – Programmable FM; maintains constant
deviation Available for FS2000A
Frequency
Range (MHz)
Peak Deviation
(MHz)
50-1149
0.01, 0.1, 1
1150-18399
0.1, 1, 10
Frequency Range:
External
Source
Only
Rate:
DC: 0 to 5 MHz
AC: 50 Hz to 5 MHz
Option 122 – Pulse Modulation
On/off:
60 dB
Rise/Fall time:
40 nS
Option 125 – Fast Attenuator
Frequency Range:
0.5 to 18 GHz
Attenuation Range
0 to 60 dB
Attenuation Increments: 0.25 dB
Switching Time:
1
mS maximum
Option 128 – Slow Attenuator
Frequency Range:
10 MHz-18.399 GHz
Attenuation Range:
0 to 120 dB
Attenuation Increments: 1 dB
Switching Time:
20 mS maximum
Contact the factory for non-standard options such as phase
modulation or requirements not satisfied by standard
options.
Frequency Range
Model
FS-2000
Available Options
Standard
Interface
Size”
AM
FM
Pulse
Attenuation
Slow
Fast
10 MHz to 2.3 GHz
A-2
B-2
0
0
BCD
IEEE-488/BCD
2
2
10 MHz to 4.0 GHz
A-4
B-4
0
0
0
0
BCD
IEEE-488/BCD
2
2
10 MHz to 9.2 GHz
A-9
B-9
0
0
BCD
IEEE-488/BCD
2
2
10 MHz to 18.4 GHz
A-18
B-18
MMS-18
0
0
0
0
0
BCD
IEEE-488/BCD
MSIB/IEEE-488
2
2
3*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com