Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-2000A-9 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # FS-2000A-9
Description  Fast Switching Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS-2000A-9 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  FS-2000A-9 Datasheet HTML 1Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 2Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 3Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 4Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 5Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 6Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 7Page - Aeroflex Circuit Technology FS-2000A-9 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SIGNAL & CONTROL SOLUTIONS
Phone: (732) 460-0212, Fax: (732) 460-0214
www.aeroflex.com/ascs, email: ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS2000 Series
Fast Switching Synthesizer
Supports hundreds of fast switching, high spectral purity applications.
Features:
•
Ultra-fast Switching <1 μsec
•
Wide and Narrow Band
•
Exceptionally Clean
•
An ideal source for:
Simulators
Radar
RCS
EW
ATE Systems
Subsystems
Description:
The
FS-2000
family
of
frequency
synthesizers
operate in the frequency of 1 MHz to 18.4 GHz
and
offer
submicrosecond
frequency
switch-
ing speed, and submicrosecond level correction,
coupled
with
superb
spectral
purity.
With
an
installed
base
supporting
hundreds
of
submicrosecond
switching
and
high
spectral
purity applications, the FS-2000 family are prov-
en performers for a diverse range of stringent
applications.
Introduced
in
1986,
FS-2000
frequency
synthesizers
incorporate
the
most
significant advances in frequency synthesizer technology
and are based on Aeroflex’s patented wideband direct
analog synthesis techniques. The technology has been
constantly refined and enhanced so that today the family
comprises more than thirty models and a host of options
which assure that your application has a reliable, proven,
signal source.
Aeroflex’s FS-2000 is the most significant advance in
Frequency Synthesizer technology in over 10 years. It is the
first synthesizer to combine ultra fast switching, low phase
noise, and low spurious over a wide frequency range.
Aeroflex’spatentedmethodachievesdirectanalogsynthesis
over an octave range. This combined with extensive hybrid-
ization enables the FS-2000 to be packaged in 1/3 the size
of previous synthesizers. In addition, built-in fault isolation
and
modular
construction
reduce
MTTR
(Mean
Time
to
Repair).
Interchangeability
and
commonality
of
boards
and
modules
minimize spare parts requirements. FS-2000 fre-
quency synthesizers have uncompromising perform-
ance. Switching speed is specified simply; less than
1 usecond between any two frequencies with any
resolution- no ifs, ands, or buts. Close-in spectral purity is
virtually that of the frequency reference, multiplied to the
output frequency, while far-out noise decreases monoton-
ically to the floor. No phase-locked loops, no complicated
schemes.
Just simple, direct and reliable. The FS-2000 is based
on an iterative, modular direct analog architecture with a
central reference generator that synthesizes 50, 100,
150, 200 and 800 MHz signals from a 100 MHz refer-
ence derived by multiplying a 5 or 10 MHz reference
oscillator appropriately and improving far-out noise by
judicious filtering. All frequencies are derived in an iterative
frequency generation architecture. Frequencies are
generated as a decade of frequency steps over an octave
from 500 MHz inputs to the next stage.
Final outputs are produced by a scaling mod-
ule which provides for doubling, dividing, or hetero-
dyning to achieve a range of 10 MHz to 2.3 GHz.
Units which have extended frequency ranges use an
additional scaling module which doubles to 4.6 GHz,
and again to 9.2 and 18.4 GHz. The architecture
also provides the additional benefit of simplifying the
user interface programming in Binary Coded Decimal
(BCD). Naturally, a variety of interfaces are optionally
provided, including IEEE-488 and a user friendly keyboard.
This unique, interactive, modular architecture also allows
for easy configurations of OEM or specialized products.


Similar Part No. - FS-2000A-9

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
FS-200-14-1000 OMEGA-FS-200-14-1000 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
FS-200-14-500 OMEGA-FS-200-14-500 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
More results

Similar Description - FS-2000A-9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
FAST SETTLING SYNTHESIZER
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Aeroflex Circuit Techno...
FS1000 AEROFLEX-FS1000 Datasheet
310Kb / 4P
Fast Switching Synthesizer
FS1200B AEROFLEX-FS1200B Datasheet
1Mb / 6P
Fast Switching Synthesizer
FS5000 AEROFLEX-FS5000 Datasheet
1,018Kb / 6P
Fast Switching Synthesizer
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
logo
BOWEI Integrated Circui...
MPLL-E BOWEI-MPLL-E Datasheet
105Kb / 1P
Fast Switching Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com