| Electronic Components Datasheet Search |
|
FS5000B-20 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
FS5000B-20 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology |
|
3 / 6 page ![]() SIGNAL & CONTROL SOLUTIONS 3 Aeroflex Signal & Control Solutions www.aeroflex.com/ASCS • ascs-sales@aeroflex.com Revision Date: 8/21/2013 FS5000 Series Fast Switching Synthesizer FS5000 technology has been developed to support the most stringent airborne requirements. The architecture as well as its implementation has been specifically geared to furnish- ing military qualified, high reliability units. The architecture developed around direct analog frequency synthesis is inher- ently insensitive to vibration - there are no VCOs or sensitive phase locked loops. The components and modules supporting the architecture have also been selected for their rugged and temperature stable qualities. All elements of the architecture have components which can be qualified to MIL-STD-883. The architecture has been implemented using the most appropriate technology presently available. In order to support the need for miniaturization and low power drain, much of the implementation is carried out as application specific hybrid microcircuits. These are designed and produced by the Aeroflex Circuit Technology div- ision,supportedbya25,0000squarefoot,MILSTD-1772qualified, microelectronics production facility. FS5000technologypermitsatrulymodularapproachtothedesign of specialized frequency synthesizers. The architecture itself is interative and modular, herefore implementations are naturally so. Specific frequency ranges and step sizes are produced by using standard and semi-custom modules configured to support the precise requirement. This architectural approach is adapt- able to a wide range of applications, and also accrues all of the advantages of standardization. Reliability, service, logistics, and development economy are all substantially enhanced by using FS5000 architecture and technology. The FS5000 is the signal source of choice for implementing advanced radar systems but also for upgrading existing radars. The above paragraph shows an upgrade to an agile fire control radar. The upgrade consists of a down converter, an instantaneous frequency measurement (IFM) module, a control processor, and an FS5000 agile syn- thesizer. The principle of the upgrade subsystem is to measure the agile radar pulse frequency at transmission and accurately set the receiver local oscillator (LO) before the return pulse has arrived. The LO must be accurate with respect to frequency, have low phase noise and low spurious content - attributes for which the FS5000 is ideally suited. Aeroflex/Comstron produced the complete upgrade subsystem including real-time control and self-calibration capabilities. The FS5000 P1 OEM plate illustrated shows a typical modular configuration. Electrical connections for power and programming as well as RF output are located to promote interface accessibility. Theplacementofstandardmodulesallowsforproperchannellingof airflow for cooling. The location of module input and output connections are in easily accessable locations. This feature aids in service and trouble shooting. Future expansion or enhancement of thisbasicsynthesizerispossiblewiththecapabilitytoaddorreplace modules or upgrade existing modules. Additional information on standard modular sets of OEM plate (P) series configurations is provided below. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |