Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5000B-20 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # FS5000B-20
Description  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS5000B-20 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  FS5000B-20 Datasheet HTML 1Page - Aeroflex Circuit Technology FS5000B-20 Datasheet HTML 2Page - Aeroflex Circuit Technology FS5000B-20 Datasheet HTML 3Page - Aeroflex Circuit Technology FS5000B-20 Datasheet HTML 4Page - Aeroflex Circuit Technology FS5000B-20 Datasheet HTML 5Page - Aeroflex Circuit Technology FS5000B-20 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
Phone: (732) 460-0212, Fax: (732) 460-0214
www.aeroflex.com/ascs, email: ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS5000 Series
Fast Switching Synthesizer
Supports hundreds of fast switching, high spectral purity applications.
Features:
Features
• Ultra-fast switching <200 nsec
• Wide and narrow band
• Exceptionally clean
An ideal source for:
• Agile Radar and Radar Simulators
• Radar upgrades
• Fast antenna and RCS measurements
• Electronic warfare systems
• Ultra fast ATE
• Truly modular construction
• Wide frequency coverage from a single unit
• Amplitude leveling
• Hop rates faster than 1 Megahop/sec
• Wide variety of standard and custom
interface options
• High performance modulation: Chirp, Pulse, AM, FM
• Highest spectral purity
• Insensitive to vibration: proven in airborne applications
• Locks to standard 10 MHz references
Description:
Aeroflex’s FS5000 stands at the pinnacle of a
family
of
frequency
synthesizers
that
exemplify
cutting edge performance. The FS5000 is faster,
cleaner, smaller, and more rugged than the previous
performance leader, FS2000.
Construction is truly modular - blindmate GPO
connectors couple submodules to form modules.
This miniaturized construction method makes it easy
to build customized implementations of the architec-
ture. FS5000 products are thus ideally suited to support
airborne radar and EW systems where light weight, small
size, super-agility, and spectral purity are of paramount
importance. The FS5000 is also available as a rack
mountable instrument with full keyboard control as well as
computer control interfaces.
Radar and radar upgrade applications include advanced
multi-mode radars, frequency
agile radar upgrades,
improved subclutter visibility supporting MTI functions,
ground penetrating radars, and multiple channel receivers.


Similar Part No. - FS5000B-20

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
logo
Infineon Technologies A...
FS500R17OE4D INFINEON-FS500R17OE4D Datasheet
711Kb / 9P
EconoPACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 3 Diode und PressFIT / NTC
2014-05-12 revision:3.0
FS500R17OE4DP INFINEON-FS500R17OE4DP Datasheet
752Kb / 9P
EconoPACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 3 Diode und PressFIT / bereits aufgetragenem Thermal Interface Materia
V3.0 2016-11-08
FS500R17OE4D_B81 INFINEON-FS500R17OE4D_B81 Datasheet
601Kb / 9P
EconoPACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 3 Diode und PressFIT / NTC
V3.0 2019-10-21
More results

Similar Description - FS5000B-20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
FAST SETTLING SYNTHESIZER
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Aeroflex Circuit Techno...
FS1000 AEROFLEX-FS1000 Datasheet
310Kb / 4P
Fast Switching Synthesizer
FS1200B AEROFLEX-FS1200B Datasheet
1Mb / 6P
Fast Switching Synthesizer
FS2000 AEROFLEX-FS2000 Datasheet
2Mb / 8P
Fast Switching Synthesizer
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
logo
BOWEI Integrated Circui...
MPLL-E BOWEI-MPLL-E Datasheet
105Kb / 1P
Fast Switching Synthesizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com