Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54FCT377 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT377
Description  Octal D-Type Flip-Flop with Clock Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT377 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54FCT377 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 7Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54FCT377
Octal D-Type Flip-Flop with Clock Enable
General Description
The ’FCT377 has eight edge-triggered, D-type flip-flops with
individual D inputs and Q outputs. The common buffered
Clock (CP) input loads all flip-flops simultaneously, when the
Clock Enable (CE) is LOW.
The register is fully edge-triggered. The state of each D in-
put, one setup time before the LOW-to-HIGH clock transi-
tion, is transferred to the corresponding flip-flop’s Q output.
The CE input must be stable only one setup time prior to the
LOW-to-HIGH clock transition for predictable operation.
Features
n Clock enable for address and data synchronization
applications
n Eight edge-triggered D flip-flops
n Buffered common clock
n See ’FCT273 for master reset version
n See ’FCT373 for transparent latch version
n See ’FCT374 for TRI-STATE® version
n TTL input and output level compatible
n CMOS power consumption
n Output sink capability of 32 mA, source capability of
12 mA
n Standard Microcircuit Drawing (SMD) 5962-8762701
Ordering Code
Military
Package
Package Description
Number
54FCT377DMQB
J20A
20-Lead Ceramic Dual-In-Line
54FCT377FMQB
W20A
20-Lead Cerpack
54FCT377LMQB
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagram
Pin
Names
Description
D
0–D7
Data Inputs
CE
Clock Enable (Active LOW)
CP
Clock Pulse Input
Q
0–Q7
Data Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment for
DIP and Cerpack
DS100952-1
Pin Assignment for LCC
DS100952-11
October 1999
© 1999 National Semiconductor Corporation
DS100952
www.national.com


Similar Part No. - 54FCT377

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373DMQB NSC-54FCT373DMQB Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373FMQB NSC-54FCT373FMQB Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373LMQB NSC-54FCT373LMQB Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 54FCT377

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
Octal D-Type Flip-Flop with Clock Enable
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
Octal D-Type Flip-Flop with Clock Enable
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
Octal D-Type Flip-Flop with Clock Enable
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com