Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54FCT377 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT377
Description  Octal D-Type Flip-Flop with Clock Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT377 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54FCT377 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 7Page - National Semiconductor (TI) 54FCT377 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Truth Table
Mode Select-Function Table
Operating Mode
Inputs
Output
CP
CE
D
n
Q
n
Load “1”
I
h
H
Load “0”
I
I
L
Hold
h
X
No Change
(Do Nothing)
X
H
X
No Change
H = HIGH Voltage Level
h = HIGH Voltage Level one setup time prior to the LOW-to-HIGH Clock Transition
L = LOW Voltage Level
I = LOW Voltage Level one setup time prior to the LOW-to-HIGH Clock Transition
X = Immaterial
= LOW-to-HIGH Clock Transition
Logic Diagram
DS100952-3
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com