Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87972I Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS87972I
Description  LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87972I Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS87972I Datasheet HTML 1Page - Integrated Circuit Systems ICS87972I Datasheet HTML 2Page - Integrated Circuit Systems ICS87972I Datasheet HTML 3Page - Integrated Circuit Systems ICS87972I Datasheet HTML 4Page - Integrated Circuit Systems ICS87972I Datasheet HTML 5Page - Integrated Circuit Systems ICS87972I Datasheet HTML 6Page - Integrated Circuit Systems ICS87972I Datasheet HTML 7Page - Integrated Circuit Systems ICS87972I Datasheet HTML 8Page - Integrated Circuit Systems ICS87972I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
87972DYI
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 18, 2002
4
Integrated
Circuit
Systems, Inc.
ICS87972I
LOW SKEW, 1-TO-12
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1I
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
2E
O
/
R
M
nt
u
p
n
Ip
u
ll
u
P
n
e
h
W
.
s
t
u
p
t
u
o
e
h
t
s
e
l
b
a
n
e
,
H
G
I
H
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
o
d
n
a
t
e
s
e
r
r
e
t
s
a
M
.
y
r
t
i
u
c
r
i
c
e
d
i
v
i
d
t
u
p
t
u
o
s
t
e
s
e
r
d
n
a
e
t
a
t
s
i
r
t
o
t
s
t
u
p
t
u
o
e
h
t
s
t
e
s
e
r
,
W
O
L
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
ll
a
s
e
l
b
a
s
i
d
d
n
a
s
e
l
b
a
n
E
3K
L
C
_
Z
R
Ft
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
y
r
t
i
u
c
r
i
c
e
z
e
e
r
f
r
o
f
t
u
p
n
i
k
c
o
l
C
4A
T
A
D
_
Z
R
Ft
u
p
n
Ip
u
ll
u
P
.
y
r
t
i
u
c
r
i
c
e
z
e
e
r
f
r
o
f
t
u
p
n
i
a
t
a
d
n
o
i
t
a
r
u
g
i
f
n
o
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
7
2
,
6
2
,
5
,
2
B
F
_
L
E
S
F
,
1
B
F
_
L
E
S
F
0
B
F
_
L
E
S
F
t
u
p
n
Ip
u
ll
u
P
.
e
u
l
a
v
e
d
i
v
i
D
k
c
a
b
d
e
e
F
l
o
r
t
n
o
c
s
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
6L
E
S
_
L
L
Pt
u
p
n
Ip
u
ll
u
P
t
u
p
t
u
o
e
h
t
o
t
t
u
p
n
i
e
h
t
s
a
s
k
c
o
l
c
e
c
n
e
r
e
f
e
r
d
n
a
L
L
P
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
L
L
P
e
h
t
s
e
s
s
a
p
y
b
,
W
O
L
n
e
h
W
.
L
L
P
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
s
r
e
d
i
v
i
d
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
7L
E
S
_
F
E
Rt
u
p
n
Ip
u
ll
u
P
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
d
n
a
l
a
t
s
y
r
c
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
s
t
u
p
n
i
l
a
t
s
y
r
c
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
1
K
L
C
r
o
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
8L
E
S
_
K
L
Ct
u
p
n
Ip
u
ll
u
P
.
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
1
K
L
C
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
0
1
,
91
K
L
C
,
0
K
L
Ct
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
R
2
1
,
1
1
,
1
L
A
T
X
2
L
A
T
X
t
u
p
n
I.
s
t
u
p
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
3
1V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
4
1K
L
C
_
V
N
It
u
p
n
Ip
u
ll
u
P
.
s
t
u
p
t
u
o
3
C
Q
d
n
a
2
C
Q
r
o
f
t
c
e
l
e
s
k
c
o
l
c
d
e
t
r
e
v
n
I
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
0
3
,
4
2
,
5
1
1
5
,
7
4
,
9
3
,
5
3
O
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
3
2
,
1
2
,
8
1
,
6
1
,
2
C
Q
,
3
C
Q
0
C
Q
,
1
C
Q
t
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
c
C
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
3
,
2
2
,
7
1
9
4
,
5
4
,
7
3
V
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
0
2
,
9
1
,
1
C
_
L
E
S
F
0
C
_
L
E
S
F
t
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
C
k
n
a
B
r
o
f
s
n
i
p
t
c
e
l
e
S
5
2C
N
Y
S
Qt
u
p
t
u
O
,
1
e
r
u
g
i
F
o
t
r
e
f
e
R
.
C
k
n
a
B
d
n
a
A
k
n
a
B
r
o
f
t
u
p
t
u
o
n
o
i
t
a
z
i
n
o
r
h
c
n
y
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
m
a
r
g
a
i
D
g
n
i
m
i
T
8
2V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
9
2B
F
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
k
c
o
l
c
k
c
a
b
d
e
e
F
1
3B
F
_
T
X
Et
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
E
8
3
,
6
3
,
4
3
,
2
3
,
2
B
Q
,
3
B
Q
0
B
Q
,
1
B
Q
t
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
c
B
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
1
4
,
0
4
,
1
B
_
L
E
S
F
0
B
_
L
E
S
F
t
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
s
n
i
p
t
c
e
l
e
S
3
4
,
2
4
,
1
A
_
L
E
S
F
0
A
_
L
E
S
F
t
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
s
n
i
p
t
c
e
l
e
S
0
5
,
8
4
,
6
4
,
4
4
,
2
A
Q
,
3
A
Q
0
A
Q
,
1
A
Q
t
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
c
A
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
5L
E
S
_
O
C
Vt
u
p
n
Ip
u
ll
u
P
.
1
÷
O
C
V
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
O
C
V
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
2
÷
O
C
V
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
:
E
T
O
N
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
t
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
s
r
e
f
e
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com