Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87972I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS87972I
Description  LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87972I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS87972I Datasheet HTML 1Page - Integrated Circuit Systems ICS87972I Datasheet HTML 2Page - Integrated Circuit Systems ICS87972I Datasheet HTML 3Page - Integrated Circuit Systems ICS87972I Datasheet HTML 4Page - Integrated Circuit Systems ICS87972I Datasheet HTML 5Page - Integrated Circuit Systems ICS87972I Datasheet HTML 6Page - Integrated Circuit Systems ICS87972I Datasheet HTML 7Page - Integrated Circuit Systems ICS87972I Datasheet HTML 8Page - Integrated Circuit Systems ICS87972I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
87972DYI
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 18, 2002
1
Integrated
Circuit
Systems, Inc.
ICS87972I
LOW SKEW, 1-TO-12
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PIN ASSIGNMENT
GENERAL DESCRIPTION
The ICS87972I is a LVCMOS clock generator
and a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
ICS87972I has three selectable inputs and pro-
vides 14 LVCMOS outputs.
The ICS87972I is a highly flexible device. Using the crystal os-
cillator input, it can be used to generate clocks for a system. All
of these clocks can be the same frequency or the device can be
configured to generate up to three different frequencies among
the three output banks. Using one of the single ended inputs, the
ICS87972I can be used as a zero delay buffer/multiplier/divider
in clock distribution applications.
The three output banks and feedback output each have their
own output dividers which allows the device to generate a
multitude of different bank frequency ratios and output-to-input
frequency ratios. In addition, 2 outputs in Bank C (QC2, QC3)
can be selected to be inverting or non-inverting. The output
frequency range is 8.33MHz - 125MHz. Input frequency range is
5MHz - 120MHz.
The ICS87972I also has a QSYNC output which can be used
for system synchronization purposes. It monitors Bank A and
Bank C outputs and goes low one period of the faster clock prior
to coincident rising edges of Bank A and Bank C clocks. QSYNC
then goes high again when the coincident rising edges of Bank A
and Bank C occur. This feature is used primarily in applications
where Bank A and Bank C are running at different frequencies,
and is particularly useful when they are running at non-integer
multiples of one another.
Example Applications:
1.
System Clock generator: Use a 16.66 MHz Crystal to
generate eight 33.33MHz copies for PCI and four 100MHz
copies for the CPU or PCI-X.
2.
Line Card Multiplier: Multiply 19.44MHz from a back plane
to 77.76MHz for the line Card ASICs and Serdes.
3.
Zero Delay buffer for Synchronous memory: Fan out up
to twelve 100MHz copies from a memory controller ref-
erence clock to the memory chips on a memory module
with zero delay.
FEATURES
• Fully integrated PLL
• 14 LVCMOS outputs; (12) clocks, (1) feedback, (1) sync
• Selectable crystal oscillator interface or LVCMOS reference
clock inputs
• CLK0, CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Output frequency range: 8.33MHz to 125MHz
• VCO range: 200MHz to 480MHz
• Output skew: 550ps (maximum)
• Cycle-to-cycle jitter: ±100ps (typical)
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Pin compatible with MPC972
• Compatible with PowerPC™ and Pentium™ Microprocessors
40
41
42
43
44
45
46
47
48
49
50
51
52
1
2
3
4
5 6
7
8
9 10 11 12 13
26
25
24
23
22
21
20
19
18
17
16
15
14
39 38 37 36 35 34 33 32 31 30 29 28 27
FSEL_B1
FSEL_B0
FSEL_A1
FSEL_A0
QA3
VDDO
QA2
GNDO
QA1
VDDO
QA0
GNDO
VCO_SEL
FSEL_FB1
QSYNC
GNDO
QC0
VDDO
QC1
FSEL_C0
FSEL_C1
QC2
VDDO
QC3
GNDO
INV_CLK
52-Lead LQFP
10mm x 10mm x 1.4mm package body
Y package
Top View
ICS87972I
HiPerClockS™
,&6


Similar Part No. - ICS87972I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
Fully integrated PLL
More results

Similar Description - ICS87972I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 26, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
87972I RENESAS-87972I Datasheet
384Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS8752I RENESAS-ICS8752I Datasheet
375Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com