Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS5035 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # PCS5035
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  PCS5035 Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SCD5035 Rev J 10/22/2014
Aeroflex Plainview
Another application for the Aeroflex PCS5035 device is to provide precision excitation sources and
threshold detection for five temperature sensors. The temperature sensors are typically thermistors, but can
also be RTDs or silicon diodes. Since these devices have negative temperature coefficients, the device
resistance is inversely related to the temperature. A typical application is shown below. The PCS5035
contains five independent current sources, internally trimmed to 80 uA (+ 2µA) each. The PCS5035 also
contains an internal precision bandgap voltage reference, set to 2.000 Volts (+ 0.010Volts). Five complete
temperature monitor circuits can be obtained by connecting external thermistors as shown below. The
threshold is reached when the temperature of the thermistor produces a resistance of exactly 25K
(2.00V/80uA). If the temperature is low, the sensor voltage is greater than 2.000 Volts and the comparator
output is high; when the temperature is high, the comparator output goes low. The comparator output
configurations are open-collector, with internal 10K
 pullup resistors. This allows the comparator outputs to
be wire-ORed.
To set the thresholds at other temperatures, several options are available: Other thermistor types may be
selected; shunt resistors may be used to adjust the sensor response; an external reference voltage may be
used.
VIN_1
VOUT_1
I = 80µA
VOUT_2
VOUT_3
VOUT_4
VOUT_5
+5V
10K
10K
VIN_2
VIN_4
VIN_5
IOUT_5
+
-
+
-
VIN_3
IOUT_1
Sensor
1
1
5
Sensor
5
t°
t°
Internal
Precision
Bandgap
Reference
Temperature Threshold Monitor with Internal Bandgap Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com