Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS5035 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # PCS5035
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  PCS5035 Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCD5035 Rev J
FEATURES
Radiation Performance
- Total dose
> 100 krad(Si), Dose rate = 50 - 300 rads(Si)/s
- ELDRS
> 15 krads(Si), Dose rate = .01 rads(Si)/s
Five high precision 80µA current source outputs/comparator inputs
Monolithic construction
Designed for thermistor temperature monitoring
Enable control
Long term stability
Low drift
Zener protected input
DC supply voltage +5V
Low supply current
High impedance sensor interface
Designed for aerospace and high reliability space applications
0.63"Sq x 0.125"Ht, 18 lead, hermetic flat package
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
GENERAL DESCRIPTION
The Aeroflex Plainview PCS5035 contains "Five Monolithic" precision current sources designed for
thermistor current monitor and resistive sensor applications. The precision current source
(80µA ±2µA)/Comparator inputs are compared to an external reference of 0VDC to 3VDC. A precision internal
2.0VDC reference is provided if an external reference is not available. See Figure 1.
The comparator outputs of two (2) PCS5035 can be wired or’ed to provide 10 sensors inputs. Current source
output/comparator inputs of two or more units can be tied together to provide more sensor current. A logic
"high" of 3.4VDC maximum on the enable pin turns on the current source/comparators. Any unused current
source output/comparator inputs can be left open circuit without affecting other I/O’s.
PCS5035 Quintet Precision Current Sources
Standard Products
October 22, 2014
Radiation Tolerant
www.aeroflex.com/pcs
Built-In Comparators
Datasheet


Similar Part No. - PCS5035

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
DC OutPut Compact Solid State Relay
PCS53 PICKER-PCS53 Datasheet
1Mb / 3P
DC Input Compact Solid State Relay
PCS55 PICKER-PCS55 Datasheet
615Kb / 3P
AC Output Solid State Relay/Output Module
logo
Allied Components Inter...
PCS5D18 ALLIED-PCS5D18 Datasheet
363Kb / 1P
Power Chip Shielded Inductors
PCS5D18-100T-RC ALLIED-PCS5D18-100T-RC Datasheet
360Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCS5035

ManufacturerPart #DatasheetDescription
logo
NEC
UPC311 NEC-UPC311 Datasheet
358Kb / 10P
PRECISION VOLTAGE COMPARATORS
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
102Kb / 8P
Precision Quad Comparators
September 1998
logo
NEC
UPC271C NEC-UPC271C Datasheet
115Kb / 2P
Precision Voltage Comparators
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900_05 Datasheet
235Kb / 8P
Precision Quad Comparators
October 20, 2005
HA1-4900-2 INTERSIL-HA1-4900-2 Datasheet
232Kb / 10P
Precision Quad Comparators
June 28, 2012
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
logo
Renesas Technology Corp
HA-4900 RENESAS-HA-4900 Datasheet
578Kb / 10P
Precision Quad Comparators
logo
Shenzhen Huazhimei Semi...
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
Built-in high-precision voltage detection circuit built-in MOSFET
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
Built-in high-precision voltage detection circuit built-in MOSFET
logo
Renesas Technology Corp
ISL70591SEH RENESAS-ISL70591SEH Datasheet
790Kb / 23P
Radiation Hardened 100μA and 1mA Precision Current Sources
Aug 30, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com