Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS5035-S Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # PCS5035-S
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035-S Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  PCS5035-S Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
SCD5035 Rev J 10/22/2014
Aeroflex Plainview
PIN # vs FUNCTION TABLE
Pin #
Function
Pin #
Function
1VCC
10
GND
2IOUT/VIN_1
11
BG Reg OUT
3IOUT/VIN_2
12
COMPREF
4IOUT/VIN_3
13
VOUT_5
5IOUT/VIN_4
14
VOUT_4
6IOUT/VIN_5
15
VOUT_3
7
CASE_GND
16
VOUT_2
8
ENABLE
17
VOUT_1
9GND
18
VCC
SIGNAL DESCRIPTION
Pin #
Signal Names
Description
1, 18
VCC
+5VDC ±5%
2 - 6
IOUT/VIN_1 thru IOUT/VIN_5
Current Source Outputs / Comparator Inputs 1 thru 5
8
ENABLE
Turns all Current/Comparators "ON" or "OFF"
9, 10
GND
Logic and Power Return.
17 - 13
VOUT_1 thru VOUT_5
Voltage Outputs corresponding to Current source outputs 1 thru 5,
includes 10K pull-ups
11
BG Reg OUT
Band Gap Regulator Precision Output 2.0VDC
7
CASE_GND
Case Ground
12
COMPREF
External voltage to all 5 comparator inputs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com