Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS5035-S Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # PCS5035-S
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035-S Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  PCS5035-S Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SCD5035 Rev J 10/22/2014
Aeroflex Plainview
IOUT/VIN_1
VOUT_1
I = 80µA
I = 80µA
I = 80µA
+
-
I = 80µA
+
-
I = 80µA
+
-
VOUT_2
VOUT_3
VOUT_4
VOUT_5
Comp_Ref
VCC
Enable
BGOUT
GND
+
-
+
-
10K
10K
10K
10K
10K
FIGURE 1 – Schematic Diagram
IOUT/VIN_2
IOUT/VIN_3
IOUT/VIN_4
IOUT/VIN_5
13
14
15
16
12
17
1,18
2
3
4
5
6
8
11
9,10
Precision
2 Volt
Reference
7
CASE GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com