Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3C72P9 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S3C72P9 Datasheet HTML 9Page - Samsung semiconductor S3C72P9 Datasheet HTML 10Page - Samsung semiconductor S3C72P9 Datasheet HTML 11Page - Samsung semiconductor S3C72P9 Datasheet HTML 12Page - Samsung semiconductor S3C72P9 Datasheet HTML 13Page - Samsung semiconductor S3C72P9 Datasheet HTML 14Page - Samsung semiconductor S3C72P9 Datasheet HTML 15Page - Samsung semiconductor S3C72P9 Datasheet HTML 16Page - Samsung semiconductor S3C72P9 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
ADDRESS SPACES
2-1
2
ADDRESS SPACES
PROGRAM MEMORY (ROM)
OVERVIEW
ROM maps for S3C72P9 devices are mask programmable at the factory. In its standard configuration, the
device's 32,768
× 8-bit program memory has three areas that are directly addressable by the program counter
(PC):
— 16-byte area for vector addresses
— 96-byte instruction reference area
— 16-byte general-purpose area
— 32,640-byte general-purpose area
General-purpose Program Memory
Two program memory areas are allocated for general-purpose use: One area is 16 bytes in size and the other is
32,640 bytes.
Vector Addresses
A 16-byte vector address area is used to store the vector addresses required to execute system resets and
interrupts. Start addresses for interrupt service routines are stored in this area, along with the values of the
enable memory bank (EMB) and enable register bank (ERB) flags that are used to set their initial value for the
corresponding service routines. The 16-byte area can be used alternately as general-purpose ROM.
REF Instructions
Locations 0020H–007FH are used as a reference area (look-up table) for 1-byte REF instructions. The REF
instruction reduces the byte size of instruction operands. REF can reference one 2-byte instruction, two 1-byte
instructions, and one 3-byte instructions which are stored in the look-up table. Unused look-up table addresses
can be used as general-purpose ROM.
Table 2-1. Program Memory Address Ranges
ROM Area Function
Address Ranges
Area Size (in Bytes)
Vector address area
0000H–000FH
16
General-purpose program memory
0010H–001FH
16
REF instruction look-up table area
0020H–007FH
96
General-purpose program memory
0080H–7FFFH
32,640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com