Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3C72P9 Datasheet(PDF) 26 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 26 Page - Samsung semiconductor

Back Button S3C72P9 Datasheet HTML 22Page - Samsung semiconductor S3C72P9 Datasheet HTML 23Page - Samsung semiconductor S3C72P9 Datasheet HTML 24Page - Samsung semiconductor S3C72P9 Datasheet HTML 25Page - Samsung semiconductor S3C72P9 Datasheet HTML 26Page - Samsung semiconductor S3C72P9 Datasheet HTML 27Page - Samsung semiconductor S3C72P9 Datasheet HTML 28Page - Samsung semiconductor S3C72P9 Datasheet HTML 29Page - Samsung semiconductor S3C72P9 Datasheet HTML 30Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 225 page
background image
ADDRESS SPACES
S3C72P9/P72P9 (Preliminary Spec)
2-14
+
+ PROGRAMMING TIP — Selecting the Working Register Area
The following examples show the correct programming method for selecting working register area:
1. When ERB = "0":
VENT2
1,0,INT0
; EMB
← 1, ERB ← 0, Jump to INT0 address
;
INT0
PUSH
SB
; PUSH current SMB, SRB
SRB
2
; Instruction does not execute because ERB = "0"
PUSH
HL
; PUSH HL register contents to stack
PUSH
WX
; PUSH WX register contents to stack
PUSH
YZ
; PUSH YZ register contents to stack
PUSH
EA
; PUSH EA register contents to stack
SMB
0
LD
EA,#00H
LD
80H,EA
LD
HL,#40H
INCS
HL
LD
WX,EA
LD
YZ,EA
POP
EA
; POP EA register contents from stack
POP
YZ
; POP YZ register contents from stack
POP
WX
; POP WX register contents from stack
POP
HL
; POP HL register contents from stack
POP
SB
; POP current SMB, SRB
IRET
The POP instructions execute alternately with the PUSH instructions. If an SMB n instruction is used in an
interrupt service routine, a PUSH and POP SB instruction must be used to store and restore the current SMB and
SRB values, as shown in Example 2 below.
2. When ERB = "1":
VENT2
1,1,INT0
; EMB
← 1, ERB ← 1, Jump to INT0 address
;
INT0
PUSH
SB
; Store current SMB, SRB
SRB
2
; Select register bank 2 because of ERB = "1"
SMB
0
LD
EA,#00H
LD
80H,EA
LD
HL,#40H
INCS
HL
LD
WX,EA
LD
YZ,EA
POP
SB
; Restore SMB, SRB
IRET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com