Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54FCT521 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT521
Description  8-Bit Identity Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT521 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54FCT521 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 7Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
FCT
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54FCT
−55˚C to +125˚C
Note 2: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, output/input loading variables. National does not recommend
operation of FACT™ circuits outside databook specifications.
DC Electrical Characteristics for ’FCT Family Devices
Symbol
Parameter
54FCT
Units
V
CC
Conditions
Min
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA
V
OH
Output HIGH Voltage
54FCT
4.3
V
Min
I
OH = −300 µA
54FCT
2.4
V
Min
I
OH = −12 mA
V
OL
Output LOW Voltage
54FCT
0.2
V
Min
I
OL = 300 µA
54FCT
0.5
V
Min
I
OL = 32 mA
I
IH
Input HIGH Current
5
µA
Max
V
IN = VCC
I
IL
Input LOW Current
−5
µA
Max
V
IN = 0.0V
I
OS
Output Short-Circuit Current
-60
mA
Max
V
OUT = 0.0V
I
CCQ
Quiescent Power
Supply Current
1.5
mA
Max
V
IN < 0.2V or VIN 5.3V, VCC =
5.5V
∆I
CC
Quiescent Power
Supply Current
2.0
mA
Max
V
I = VCC − 2.1V
I
CCD
Dynamic I
CC
0.25
mA/
MHz
Max
V
CC = 5.5V, Outputs Open,
One Bit Toggling, 50% Duty
Cycle, OE
n = GND
I
CC
Total Power Supply
Current
5.0
mA
Max
V
CC = 5.5V, Outputs Open, fI
= 10MHz, OE
n = GND, One
Bit Toggling, 50% Duty Cycle
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com