Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54FCT521 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT521
Description  8-Bit Identity Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT521 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54FCT521 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 7Page - National Semiconductor (TI) 54FCT521 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54FCT521
8-Bit Identity Comparator
General Description
The ’FCT521 is an expandable 8-bit comparator. It com-
pares two words of up to eight bits each and provides a LOW
output when the two words match bit for bit. The expansion
input I
A = B also serves as an active LOW enable input.
Features
n Expandable to any word length
n Outputs sink capability of 32mA, source capability of 12
mA
n TTL input and output level compatible
n CMOS power consumption
n Standard microcircuit Drawing (SMD) 5962-8854301
Logic Symbols
Connection Diagram
Pin Descriptions
Pin Names
Description
A0–A7
Word A Inputs
B0–B7
Word B Inputs
TA = B
Expansion or Enable Input
OA = B
Identity Output
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100968-1
IEEE/IEC
DS100968-4
Pin Assignment
for DIP and CERPACK
DS100968-2
Pin Assignment
for LCC
DS100968-3
September 1998
© 1998 National Semiconductor Corporation
DS100968
www.national.com


Similar Part No. - 54FCT521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533D NSC-54FCT533D Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533F NSC-54FCT533F Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533L NSC-54FCT533L Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54FCT521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
8-Bit Identity Comparator
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
8-Bit Identity Comparator
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
8-Bit Identity Comparator
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
8-Bit Identity Comparator
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
8-Bit Identity Comparator
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
8-BIT IDENTITY COMPARATOR
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
8-BIT IDENTITY COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com