Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402TRPBF. Datasheet(PDF) 2 Page - International Rectifier

Part # IRLML6402TRPBF.
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6402TRPBF. Datasheet(HTML) 2 Page - International Rectifier

  IRLML6402TRPBF. Datasheet HTML 1Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 2Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 3Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 4Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 5Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 6Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 7Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLML6402
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -1.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
29
43
ns
TJ = 25°C, IF = -1.0A
Qrr
Reverse RecoveryCharge
–––
11
17
nC
di/dt = -100A/µs
‚
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
-1.3
-22
A
S
D
G
** For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ Surface mounted on 1" square single layer 1oz. copper FR4 board,
steady state.
„ Starting TJ = 25°C, L = 1.65mH
RG = 25Ω, IAS = -3.7A.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.009 –––
V/°C
Reference to 25°C, ID = -1mA
‚
––– 0.050 0.065
VGS = -4.5V, ID = -3.7A
‚
––– 0.080 0.135
VGS = -2.5V, ID = -3.1A
‚
VGS(th)
Gate Threshold Voltage
-0.40 -0.55 -0.95
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
6.0
–––
–––
S
VDS = -10V, ID = -3.7A
‚
–––
–––
-1.0
VDS = -20V, VGS = 0V
–––
–––
-25
VDS = -20V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -12V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 12V
Qg
Total Gate Charge
–––
8.0
12
ID = -3.7A
Qgs
Gate-to-Source Charge
–––
1.2
1.8
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.8
4.2
VGS = -5.0V
‚
td(on)
Turn-On Delay Time
–––
350
–––
VDD = -10V
tr
Rise Time
–––
48
–––
ID = -3.7A
td(off)
Turn-Off Delay Time
–––
588
–––
RG = 89Ω
tf
Fall Time
–––
381
–––
RD = 2.7Ω
Ciss
Input Capacitance
–––
633
–––
VGS = 0V
Coss
Output Capacitance
–––
145
–––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
110
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com