Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402TRPBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML6402TRPBF.
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6402TRPBF. Datasheet(HTML) 1 Page - International Rectifier

  IRLML6402TRPBF. Datasheet HTML 1Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 2Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 3Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 4Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 5Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 6Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 7Page - International Rectifier IRLML6402TRPBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
IRLML6402
HEXFET® Power MOSFET
These P-Channel MOSFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low on-
resistance per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET®
power MOSFETs are well known for, provides the designer with
an extremely efficient and reliable device for use in battery and
load management.
A thermally enhanced large pad leadframe has been incorporated
into the standard SOT-23 package to produce a HEXFET Power
MOSFET with the industry's smallest footprint. This package,
dubbed the Micro3
™, is ideal for applications where printed
circuit board space is at a premium. The low profile (<1.1mm)
of the Micro3 allows it to fit easily into extremely thin application
environments such as portable electronics and PCMCIA cards.
The thermal resistance and power dissipation are the best
available.
Thermal Resistance
VDSS = -20V
RDS(on) = 0.065Ω
l Ultra Low On-Resistance
l P-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
Description
8/13/99
www.irf.com
1
S
D
G
PD- 93755
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-3.7
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-2.2
A
IDM
Pulsed Drain Current

-22
PD @TA = 25°C
Power Dissipation
1.3
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
EAS
Single Pulse Avalanche Energy
„
11
mJ
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
Micro3
™


Similar Part No. - IRLML6402TRPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6402TRPBF IRF-IRLML6402TRPBF Datasheet
123Kb / 8P
Ultra Low On-Resistance
logo
ZP Semiconductor
IRLML6402TRPBF ZPSEMI-IRLML6402TRPBF Datasheet
278Kb / 2P
HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML6402TRPBF VBSEMI-IRLML6402TRPBF Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Microchip Technology
IRLML6402TRPBF MICROCHIP-IRLML6402TRPBF Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
TECH PUBLIC Electronics...
IRLML6402TRPBF-TP TECHPUBLIC-IRLML6402TRPBF-TP Datasheet
2Mb / 6P
P-Channel Mosfet
More results

Similar Description - IRLML6402TRPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com