Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC730 Datasheet(PDF) 1 Page - Picker Components

Part # PC730
Description  30 Amp Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC730 Datasheet(HTML) 1 Page - Picker Components

  PC730_16 Datasheet HTML 1Page - Picker Components PC730_16 Datasheet HTML 2Page - Picker Components PC730_16 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC740 Rev B 1/14/2016
1 of 3
30 Amp Power Relay
PC730
FEATURES
 1/4 Inch Male Quick Connect Terminals
 Up To 30 Amp Switching Capacity
 Up to 1 1/2 Horsepower Rating
 Smallest 30 Amp 2 Pole Relay
 Top or Side Flanged Case or PC Mounting
 2A or 2C Contact Configuration
 RoHS Compliant
E93379
Load Type
Voltage
All Contacts
General Purpose
250 VAC
277 VAC
28 VDC
30 A
20 A
20 A
Resistive
250 VAC
277VAC
120 VAC
30 A
20 A
30 A
Motor
240 VAC
120 VAC
1 1/2 HP
1 HP
CONTACT DATA
Material
AgCdO (Silver Cadmium Oxide)
Initial Contact Resistance
100 mΩ max. @ 6 V, 1A
Max. Switching Voltage
36 VDC, 330 VAC
Max. Switching Power
7,500 VA
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
CHARACTERISTICS
Operate Time
25 ms Max
Release Time
15 ms Max
Insulation Resistance
500 MΩ min. at 500 VDC, 50% RH
Dielectric Strength
2,500 VAC 1 min. Between Coil and Contacts
1,500 VAC, 1 min. Between Open Contacts
10 g, Functional
Shock Resistance
100 g, Destructive
Power Consumption
DC Coil 2.0 W, AC Coil 4.0 VA
10 Hz - 55 Hz 1.0 mm DA, Functional
Vibration Resistance
10 Hz - 55 Hz 1.0 mm DA, Destructive
Solderability
235°C ± 2°C 3 s ± 0.5 s
Operating Temperature
-25 to 55 ºC
Relative Humidity
75% (at 30°C)
Weight
70 grams
ORDERING INFORMATION
Example:
PC730
-2C
- C
- 120A
Model: PC730
Contact Form: 2A, 2C
Case Type: C1: Side Flange; C3: Top Flange; P: PC Terminals
Coil Voltage: XXXA: AC Coil 12, 24, 48, 220
XXXD: DC Coil 12, 24, 48, 110
Nil: Rohs Compliant
Box Quantity: 100; Inner Box: 10


Similar Part No. - PC730_16

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
30 Amp Power Relay
More results

Similar Description - PC730_16

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC737 PICKER-PC737 Datasheet
189Kb / 2P
30 Amp Power Relay
logo
American Zettler, Inc.
AZ2700 AZETTLER-AZ2700 Datasheet
103Kb / 2P
30 AMP POWER RELAY
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
30 AMP POWER RELAY
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
30 AMP POWER RELAY
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
30 Amp Power Relay
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
30 AMP Power PCB Relay
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
30 AMP POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com