Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC730 Datasheet(PDF) 2 Page - Picker Components

Part # PC730
Description  30 Amp Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC730 Datasheet(HTML) 2 Page - Picker Components

  PC730_16 Datasheet HTML 1Page - Picker Components PC730_16 Datasheet HTML 2Page - Picker Components PC730_16 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC740 Rev B 1/14/2016
2 of 3
PC730
PC730
COIL DATA
Voltage Type
Coil Voltage
Resistance
Ohms ± 10%
Must Operate Volt-
age Max. (VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
Rated
Max
DC
2.0 W
12
13.2
72.0
9.0
1.2
24
26.4
288.0
18.0
2.4
48
52.8
1152.0
36.0
4.8
110
242
6050.0
82.5
11.0
AC
4.0 VA
12
26.4
12.6
9.6
3.6
24
52.8
50.4
19.2
7.2
48
121
201.6
38.4
14.4
220
312
4235.0
176.0
66.0
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
“C1”
Side Flange
“C3”
Top Flange
“P”
PC Terminal
CASE TYPE Inches (mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com